Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7005S20JB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7005S20JB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7005S20JB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7005S20JB Datasheet HTML 3Page - Integrated Device Technology IDT7005S20JB Datasheet HTML 4Page - Integrated Device Technology IDT7005S20JB Datasheet HTML 5Page - Integrated Device Technology IDT7005S20JB Datasheet HTML 6Page - Integrated Device Technology IDT7005S20JB Datasheet HTML 7Page - Integrated Device Technology IDT7005S20JB Datasheet HTML 8Page - Integrated Device Technology IDT7005S20JB Datasheet HTML 9Page - Integrated Device Technology IDT7005S20JB Datasheet HTML 10Page - Integrated Device Technology IDT7005S20JB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IDT7005S/L
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.06
7
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns Max.
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
Figure 1 and 2
2738 tbl 12
IDT7005X35
IDT7005X55
IDT7005X70
Mil. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
35
55
70
ns
tAA
Address Access Time
35
55
70
ns
tACE
Chip Enable Access Time
(3)
—35—55
—70
ns
tAOE
Output Enable Access Time
20
30
35
ns
tOH
Output Hold from Address Change
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3—
3—
3—
ns
tHZ
Output High-Z Time
(1, 2)
—15—25
—30
ns
tPU
Chip Enable to Power Up Time
(2)
0—
0—
0—
ns
tPD
Chip Disable to Power Down Time
(2)
—35—50
—50
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
15—15
—15—
ns
tSAA
Semaphore Address Access Time
35
55
70
ns
NOTES:
2738 tbl 13
1. Transition is measured
±500mV from Low or High-impedance voltage with Output Test Load (Figures 2).
2. This parameter is guaranteed by device characterization but not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. "X" in part numbers indicates power rating (S or L).
1250
30pF
775
DATAOUT
BUSY
INT
5V
5V
1250
5pF
775
DATAOUT
2738 drw 06
Figure 1. AC Output Test Load
Figure 2. Output Load
(For tLZ, tHZ, tWZ, tOW)
Including scope and jig
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(4)
AC ELECTRICAL CHARACTERISTICS OVER THE
IDT7005X15
IDT7005X17
IDT7005X20
IDT7005X25
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
17
20
25
ns
tAA
Address Access Time
15
17
20
25
ns
tACE
Chip Enable Access Time
(3)
15
17
20
25
ns
tAOE
Output Enable Access Time
10
10
12
13
ns
tOH
Output Hold from Address Change
3
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3
3
3
3
ns
tHZ
Output High-Z Time
(1, 2)
10
10
12
15
ns
tPU
Chip Enable to Power Up Time
(2)
0
0
0
0
ns
tPD
Chip Disable to Power Down Time
(2)
15
17
20
25
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
10
10
10
10
ns
tSAA
Semaphore Address Access Time
15
17
20
25
ns


Similar Part No. - IDT7005S20JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7005S20JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com