Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V02 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V02
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V02 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V02 Datasheet HTML 1Page - Integrated Device Technology IDT72V02 Datasheet HTML 2Page - Integrated Device Technology IDT72V02 Datasheet HTML 3Page - Integrated Device Technology IDT72V02 Datasheet HTML 4Page - Integrated Device Technology IDT72V02 Datasheet HTML 5Page - Integrated Device Technology IDT72V02 Datasheet HTML 6Page - Integrated Device Technology IDT72V02 Datasheet HTML 7Page - Integrated Device Technology IDT72V02 Datasheet HTML 8Page - Integrated Device Technology IDT72V02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5.08
5
IDT72V01/72V02/72V03/72V04 3.3 VOLT CMOS ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9
COMMERCIAL TEMPERATURE RANGE
Figure 1. Output Load
* Includes scope and jig capacitances.
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 – D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (
RS
RS)
Reset is accomplished whenever the Reset (
RS) input is
taken to a low state. During reset, both internal read and write
pointers are set to the first location. A reset is required after
power up before a write operation can take place. Both the
Read Enable (
RR) and Write Enable (W
W) inputs must be in
the high state during the window shown in Figure 2, (i.e.,
tRSS before the rising edge of
RS
RS) and should not change
until tRSR after the rising edge of
RS
RS. Half-Full Flag (HF
HF)
will be reset to high after Reset (
RS
RS).
WRITE ENABLE (
W
W)
A write cycle is initiated on the falling edge of this input if the
Full Flag (
FF) is not set. Data set-up and hold times must be
adhered to with respect to the rising edge of the Write Enable
(
W). Data is stored in the RAM array sequentially and
independently of any on-going read operation.
After half of the memory is filled and at the falling edge of
the next write operation, the Half-Full Flag (
HF) will be set to
low and will remain set until the difference between the write
pointer and read pointer is less than or equal to one half of the
total memory of the device. The Half-Full Flag (
HF) is then
reset by the rising edge of the read operation.
To prevent data overflow, the Full Flag (
FF) will go low,
inhibiting further write operations. Upon the completion of a
valid read operation, the Full Flag (
FF) will go high after tRFF,
allowing a valid write to begin. When the FIFO is full, the
internal write pointer is blocked from
W, so external changes
in
W will not affect the FIFO when it is full.
READ ENABLE (
RR)
A read cycle is initiated on the falling edge of the Read
Enable (
R) provided the Empty Flag (EF) is not set. The data
is accessed on a First-In/First-Out basis, independent of any
ongoing write operations. After Read Enable (
R) goes high,
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
2679 tbl 08
or equivalent circuit
the Data Outputs (Q0 – Q8) will return to a high impedance
condition until the next Read operation. When all data has
been read from the FIFO, the Empty Flag (
EF) will go low,
allowing the “final” read cycle but inhibiting further read
operations with the data outputs remaining in a high imped-
ance state. Once a valid write operation has been accom-
plished, the Empty Flag (
EF) will go high after tWEF and a valid
Read can then begin. When the FIFO is empty, the internal
read pointer is blocked from
R so external changes in R will not
affect the FIFO when it is empty.
FIRST LOAD/RETRANSMIT (
FL
FL/RT
RT)
This is a dual-purpose input. In the Depth Expansion Mode,
this pin is grounded to indicate that it is the first loaded (see
Operating Modes). In the Single Device Mode, this pin acts as
the restransmit input. The Single Device Mode is initiated by
grounding the Expansion In (
XI).
The IDT72V01/72V02/72V03/72V04 can be made to re-
transmit data when the Retransmit Enable control (
RT) input
is pulsed low. A retransmit operation will set the internal read
pointer to the first location and will not affect the write pointer.
Read Enable (
R) and Write Enable (W) must be in the high
state during retransmit. This feature is useful when less than
512/1024/2048/4096 writes are performed between resets.
The retransmit feature is not compatible with the Depth
Expansion Mode and will affect the Half-Full Flag (
HF), de-
pending on the relative locations of the read and write point-
ers.
EXPANSION IN (
XI
XI)
This input is a dual-purpose pin.
Expansion In (
XI) is
grounded to indicate an operation in the single device mode.
Expansion In (
XI) is connected to Expansion Out (XO) of the
previous device in the Depth Expansion or Daisy Chain Mode.
OUTPUTS:
FULL FLAG (
FF
FF)
The Full Flag (
FF) will go low, inhibiting further write op-
eration, when the write pointer is one location less than the
read pointer, indicating that the device is full. If the read
pointer is not moved after Reset (
RS), the Full-Flag (FF) will go
2679 drw 03
30pF*
1.1K
5.0V
TO
OUTPUT
PIN
680


Similar Part No. - IDT72V02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V02 IDT-IDT72V02 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V02 RENESAS-IDT72V02 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V02L15J IDT-IDT72V02L15J Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V02L15JI IDT-IDT72V02L15JI Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V02L25J IDT-IDT72V02L25J Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT72V02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com