Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V04 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V04
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V04 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V04 Datasheet HTML 1Page - Integrated Device Technology IDT72V04 Datasheet HTML 2Page - Integrated Device Technology IDT72V04 Datasheet HTML 3Page - Integrated Device Technology IDT72V04 Datasheet HTML 4Page - Integrated Device Technology IDT72V04 Datasheet HTML 5Page - Integrated Device Technology IDT72V04 Datasheet HTML 6Page - Integrated Device Technology IDT72V04 Datasheet HTML 7Page - Integrated Device Technology IDT72V04 Datasheet HTML 8Page - Integrated Device Technology IDT72V04 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5.08
3
IDT72V01/72V02/72V03/72V04 3.3 VOLT CMOS ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9
COMMERCIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3 V
± 0.3V, TA = 0°C to +70°C)
IDT72V01/72V02/
IDT72V01/72V02/
72V03/72V04
72V03/72V04
Commercial
Commercial
tA = 25 ns
tA = 35 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
1
–1
1
µA
ILO
(2)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
0.4
V
ICC1
(3,4)
Active Power Supply Current
35
50
35
50
mA
ICC2
(3)
Standby Current (
R=W=RS=FL/RT=VIH)—
5
8
5
8
mA
ICC3(L)
(3)
Power Down Current (All Input = VCC - 0.2V)
0.3
0.3
mA
NOTES:
2679 tbl 05
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
R ≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3. ICC measurements are made with outputs open (only capacitive loading).
4. Tested at f = 20MHz.


Similar Part No. - IDT72V04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V04 IDT-IDT72V04 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V04 RENESAS-IDT72V04 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V04L15J IDT-IDT72V04L15J Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V04L15JI IDT-IDT72V04L15JI Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V04L25J IDT-IDT72V04L25J Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT72V04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com