Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73330-0030 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73330-0030
Description  75 Ohms, F Right-Angle Printed Circuit Board Jack Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73330-0030 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73330-0030 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73330-0030
Status:
Active
Overview:
Type F RF Connectors
Description:
75 Ohms, F Right-Angle Printed Circuit Board Jack Receptacle
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73330
Overview
Type F RF Connectors
Product Name
F
Style
PCB
UPC
800754883481
Wire/Cable Type
N/A
Physical
Cable Attachment
N/A
Gender
Jack
Keying to Mating Part
None
Net Weight
9.720/g
Orientation
Right Angle
PCB Mounting
Through Hole
PCB Thickness - Recommended
2.40mm
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Electrical
Impedance
75#
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
30
Process Temperature max. C
150
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73330-003
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73330Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73330-0030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73330-0180 MOLEX11-73330-0180 Datasheet
29Kb / 1P
   75 Ohms, F Straight Plug, Crimp, RG-179 Cable, Solder Center Contact Termination
More results

Similar Description - 73330-0030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0733300030 MOLEX-0733300030_V01 Datasheet
57Kb / 1P
   75 Ohms, F Right-Angle Printed Circuit Board Jack Receptacle
0733300030 MOLEX11-0733300030 Datasheet
28Kb / 1P
   75 Ohms, F Right-Angle Printed Circuit Board Jack Receptacle
0733300180 MOLEX11-0733300180 Datasheet
31Kb / 1P
   75 Ohms, F Right-Angle Printed Circuit Board Jack
0733300180 MOLEX-0733300180_V01 Datasheet
56Kb / 1P
   75 Ohms, F Right-Angle Printed Circuit Board Jack
0733560400 MOLEX11-0733560400 Datasheet
31Kb / 1P
   75 Ohms, F Right-Angle Jack
0733560401 MOLEX11-0733560401 Datasheet
31Kb / 1P
   75 Ohms, F Right-Angle Jack
73356-0400 MOLEX11-73356-0400 Datasheet
35Kb / 1P
   75 Ohms, F Right-Angle Jack
73356-0401 MOLEX11-73356-0401 Datasheet
35Kb / 1P
   75 Ohms, F Right-Angle Jack, EWR-2813
0733560400 MOLEX-0733560400_V01 Datasheet
31Kb / 1P
   75 Ohms, F Right-Angle Jack with Jam Nut
73100-0232 MOLEX11-73100-0232 Datasheet
34Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com