Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT73720PQF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT73720PQF
Description  16-BIT TRI-PORT BUS EXCHANGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT73720PQF Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT73720PQF Datasheet HTML 1Page - Integrated Device Technology IDT73720PQF Datasheet HTML 2Page - Integrated Device Technology IDT73720PQF Datasheet HTML 3Page - Integrated Device Technology IDT73720PQF Datasheet HTML 4Page - Integrated Device Technology IDT73720PQF Datasheet HTML 5Page - Integrated Device Technology IDT73720PQF Datasheet HTML 6Page - Integrated Device Technology IDT73720PQF Datasheet HTML 7Page - Integrated Device Technology IDT73720PQF Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IDT73720 /A16-BIT TRI-PORT BUS EXCHANGER
COMMERCIAL TEMPERATURE RANGE
11.5
7
SWITCH POSITION
Test
Switch
Disable LOW
Closed
Enable LOW
All Other Tests
Open
DEFINITIONS:
2527 tbl 08
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
TEST CIRCUITS AND WAVEFORMS
Figure 5. Test Circuit for all outputs
Pulse
Generator
R T
D.U.T.
VCC
VIN
C L
V OUT
50pF
500
500
7.0V
2527 drw 07
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 5%, TA = 0° to +70°C)
73720A
73720
Symbol
Parameter
Test Conditions
(1)
Min.
(2)
Max.
Min.
(2)
Max.
Units
tPLH
X to Y & X to Z Latches enabled
CL = 50pF
2.0
6.0
2.0
7.5
ns
tPHL
RL = 500 Ohms
tPLH
Y to X & Z to X Latches enabled
2.0
6.0
2.0
7.5
ns
tPHL
tPLH
Latch Enable to Y & Z Port
LEXY to Y
2.0
7.0
2.0
8.5
ns
tPHL
LEXZ to Z
tPLH
Latch Enable to X
LEYX to X
2.0
7.0
2.0
8.5
ns
tPHL
LEZX to X
tPLH
Path to X Port Propagation Delay
2.0
7.0
2.0
8.5
ns
tPHL
tHZ
Y & Z Port Disable Time (T/
R, PATH, OEU, OEL)(3)
2.0
8.5
2.0
9.5
ns
tLZ
tZH
Y & Z Port Enable Time (T/
R, PATH, OEU, OEL)(3)
2.0
9.5
2.0
10.5
ns
tZL
tHZ
X-Port DisableTime (T/
R, OEU, OEL)(3)
2.0
8.5
2.0
9.5
ns
tLZ
tZH
X-Port Enable Time (T/
R, OEU, OEL)(3)
2.0
9.5
2.0
10.5
ns
tZL
tSU
Port to LE Set-up time
2.0
2.0
ns
tH
Port to LE Hold time
1.5
1.5
ns
tW
LE Pulse Width, HIGH or LOW
(2)
3—
4
ns
NOTES:
2527 tbl 07
1. All timings are referenced to 1.5 V.
2. Minimum Delay Times, Enable Times, Disable Times and Pulse Width are guaranteed by design, but not tested.
3. Bus turnaround times are guaranteed by design, but not tested. (T/
R enable/disable times).


Similar Part No. - IDT73720PQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT73720PQF IDT-IDT73720PQF Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
More results

Similar Description - IDT73720PQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT74FCT16260AT IDT-IDT74FCT16260AT Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316_07 Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABT32318 TI1-SN54ABT32318 Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT74LVCH16260A IDT-IDT74LVCH16260A Datasheet
128Kb / 7P
   3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Texas Instruments
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com