Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71256S25P Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71256S25P
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71256S25P Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT71256S25P Datasheet HTML 1Page - Integrated Device Technology IDT71256S25P Datasheet HTML 2Page - Integrated Device Technology IDT71256S25P Datasheet HTML 3Page - Integrated Device Technology IDT71256S25P Datasheet HTML 4Page - Integrated Device Technology IDT71256S25P Datasheet HTML 5Page - Integrated Device Technology IDT71256S25P Datasheet HTML 6Page - Integrated Device Technology IDT71256S25P Datasheet HTML 7Page - Integrated Device Technology IDT71256S25P Datasheet HTML 8Page - Integrated Device Technology IDT71256S25P Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7.2
6
IDT71256 S/L
CMOS STATIC RAM 256K (32K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
71256S55
(1)
71256S70
(1)
71256S85
(1)
71256S100
(1,3)
71256L55
(1)
71256L70
(1)
71256L85
(1)
71256L100
(1,3)
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
55
70
85
100
ns
tAA
Address Access Time
55
70
85
100
ns
tACS
Chip Select Access Time
55
70
85
100
ns
tCLZ
(2)
Chip Deselect to Output in Low-Z
5
5
5
5
ns
tCHZ
(2)
Output Enable to Output in Low-Z
25
30
35
40
ns
tOE
Output Enable to Output Valid
25
30
35
40
ns
tOLZ
(2)
Output Enable to Output in Low-Z
0
0
0
0
ns
tOHZ
(2)
Output Disable to Output in High-Z
0
25
0
30
35
40
ns
tOH
Output Hold from Address Change
5
5
5
5
ns
Write Cycle
tWC
Write Cycle Time
55
70
85
100
ns
tCW
Chip Select to End-of-Write
50
60
70
80
ns
tAW
Address Valid to End-of-Write
50
60
70
80
ns
tAS
Address Set-up Time
0
0
0
0
ns
tWP
Write Pulse Width
40
45
50
55
ns
tWR
Write Recovery Time
0
0
0
0
ns
tDW
Data to Write Time Overlap
25
30
35
40
ns
tDH
Data Hold from Write Time (
WE)0
0
0
0
ns
tWHZ
(2)
Write Enable to Output in High-Z
25
30
35
40
ns
tOW
(2)
Output Active from End-of-Write
5
5
5
5
ns
NOTES:
2946 tbl 11
1. –55
°C to +125°C temperature range only.
2. This parameter guaranteed by device characterization, but is not production tested.
3. Also available: 120 and 150 ns military devices.


Similar Part No. - IDT71256S25P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT71256S ETC2-IDT71256S Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit) Low power consumption via chip deselect
IDT71256SA IDT-IDT71256SA Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA12PZ IDT-IDT71256SA12PZ Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
More results

Similar Description - IDT71256S25P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com