Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72511L35GB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72511L35GB
Description  PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72511L35GB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72511L35GB Datasheet HTML 5Page - Integrated Device Technology IDT72511L35GB Datasheet HTML 6Page - Integrated Device Technology IDT72511L35GB Datasheet HTML 7Page - Integrated Device Technology IDT72511L35GB Datasheet HTML 8Page - Integrated Device Technology IDT72511L35GB Datasheet HTML 9Page - Integrated Device Technology IDT72511L35GB Datasheet HTML 10Page - Integrated Device Technology IDT72511L35GB Datasheet HTML 11Page - Integrated Device Technology IDT72511L35GB Datasheet HTML 12Page - Integrated Device Technology IDT72511L35GB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
IDT72511/IDT72521
BIDIRECTIONAL FIRST-IN FIRST-OUT MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.32
9
Table 8. Configuration Registers 0-3 contain the programmable
flag offsets for the Almost-Empty and Almost-Full flags. These
offsets are set to 0 when a hardware reset or a software Reset
All is applied. Note that Table 8 shows that Configuration
Registers 0-3 are 10 bits wide to accommodate the 1024
locations in each FIFO memory of the IDT7252/520. Only 9
least significant bits are used for the 512 locations of the
IDT7251/510; the most significant bit, bit 9, must be set to 0.
Configuration Register 4 is used to assign the internal flags
to the external flag pins (FLGA-FLGD). Each external flag pin
is assigned an internal flag based on the four bit codes shown
in Table 9. The default condition for Configuration Register 4
is 6420H as shown in Table 6. The default flag assignments
are: FLGD is assigned B
→A
Full, FLGC is assigned B→A
Empty, FLGB is assigned A→B Full, FLGA is assigned A→B
Empty.
Configuration Register 5 is a general control register. The
format of Configuration Register 5 is shown in Table 10.
Bit 0 sets the Intel-style interface (
RB,WB)orMotorola-style
interface (
DSB,R/WB)forPortB. Bits2and3redefineFulland
Empty Flags for reread/rewrite data protection.
Bits 4-9 control the DMA interface and are only applicable
in peripheral interface mode. In processor interface mode,
these bits are don’t care states. Bits 4 and 5 set the polarity of
the DMA control pins REQ and ACK respectively. An internal
clock controls all DMA operations. This internal clock is
derived from the external clock (CLK). Bit 9 determines the
internal clock frequency: the internal clock = CLK or the
internal clock = CLK divided by 2. Bit 8 sets whether
RB, WB,
and
DSBareassertedforeitheroneortwointernalclocks. Bits
6 and 7 set the number of internal clocks between REQ
assertion and ACK assertion. The timing can be from 2 to 5
cycles as shown in Figure 17.
Bit 10 controls Port B processor or peripheral interface
mode. In processor mode, the Port B control pins (
RB, WB,
DSB, R/WB) are inputs and the DMA controls are ignored. In
peripheral mode, the Port B control pins are outputs and the
DMA controls are active.
Six PIO pins can be programmed as an input or output
by the corresponding mask bits in Configuration Register 7.
The format of Configuration Register 7 is shown in Figure
5. Each bit of the register set the I/O direction independ-
ently. A logic 1 indicates that the corresponding PIO pin is
an output, while a logic 0 indicates that the PIO pin is an
input. This I/O mask register can be read or written.
A programmed output PIOi pin (i = 0, 1, . . . 5) displays the
data latched in Bit i of Configuration Register 6. A programmed
input PIOi pin allows Port A bus to sample the data on DAi by
reading Configuration Register 6.
STATE AFTER RESET
Software Reset
Hardware Reset
(RS asserted)
B
→A(001)
A
→B(010)
B
→A and
A
→B(011)
Internal
Request
(100)
All(111)
Configuration Registers 0-3
0000H
————
0000H
Configuration Register 4
6420H
————
6420H
Configuration Register 5
0000H
————
0000H
Configuration Register 6-7
0000H
————
0000H
Status Register format
0
————
B
→A Read, Write, Rewrite Pointers
0
0
0
0
A
→B Read, Write, Reread Pointers
0
0
0
0
DMA direction
B
→A write
————
DMA internal request
clear
clear
clear
2668 tbl 08
Table 6. The BiFIFO State After a Reset Command
Bit
Signal
0
Reserved
1
Reserved
2
Reserved
3
DMA Direction
4
A
→B Empty Flag
5
A
→B Almost-Empty Flag
6
B
→A Full Flag
7
B
→A Almost-Full Flag
8
Reserved
9
Reserved
10
Reserved
11
Reserved
12
A
→B Full Flag
13
A
→B Almost-Full Flag
14
B
→A Empty Flag
15
B
→A Almost-Empty Flag
STATUS REGISTER FORMAT
2668 tbl 09
Table 7. The Status Register Format


Similar Part No. - IDT72511L35GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72510L25J IDT-IDT72510L25J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72510L35J IDT-IDT72510L35J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72510L50J IDT-IDT72510L50J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results

Similar Description - IDT72511L35GB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com