Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMK063CG1R8CTHF Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK063CG1R8CTHF
Description  MLCC (Temperature compensating type) for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK063CG1R8CTHF Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UMK063CG1R8CTHF Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
MLCC (Temperature compensating type) for Automotive / Industrial Applications
UMK063CG1R8CTHF
Features
Item Summary
50V, C0G, 1.8pF, -0.25pF to 0.25pF, 0201
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping paper 15000pcs
Products characteristics table
CaseSize (EIA/JIS)
0201/0603
Rated Voltage (max)
50V
Capacitance
1.8pF
Capacitance Tolerance
-0.25pF to 0.25pF
Resistance
10,000 MΩ min.
Q (min)
436
Temperature Characteristics (EIA/JIS)
C0G/CG
Temperature Range (EIA/JIS)
-55 to +125℃/-55 to +125℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
0.6mm ±0.03
W
0.3mm ±0.03
T
0.3mm ±0.03
e
0.15mm ±0.05
2015.01.28
1 / 1


Similar Part No. - UMK063CG1R8CTHF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK063CG1R8CT-F TAIYO-YUDEN-UMK063CG1R8CT-F Datasheet
288Kb / 2P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
UMK063CG1R8CT8F TAIYO-YUDEN-UMK063CG1R8CT8F Datasheet
401Kb / 3P
   MLCC (Temperature compensating type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - UMK063CG1R8CTHF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK063CG0R4CTHF TAIYO-YUDEN-UMK063CG0R4CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG1R1CTHF TAIYO-YUDEN-UMK063CG1R1CTHF Datasheet
137Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG1R3CTHF TAIYO-YUDEN-UMK063CG1R3CTHF Datasheet
137Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG1R6CTHF TAIYO-YUDEN-UMK063CG1R6CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG2R9CTHF TAIYO-YUDEN-UMK063CG2R9CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
TMK063CG131JTHF TAIYO-YUDEN-TMK063CG131JTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG3R9CTHF TAIYO-YUDEN-UMK063CG3R9CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG5R1DTHF TAIYO-YUDEN-UMK063CG5R1DTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG6R2DTHF TAIYO-YUDEN-UMK063CG6R2DTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG6R4DTHF TAIYO-YUDEN-UMK063CG6R4DTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG6R5DTHF TAIYO-YUDEN-UMK063CG6R5DTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com