Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72210L25TP Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72210L25TP
Description  CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72210L25TP Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72210L25TP Datasheet HTML 3Page - Integrated Device Technology IDT72210L25TP Datasheet HTML 4Page - Integrated Device Technology IDT72210L25TP Datasheet HTML 5Page - Integrated Device Technology IDT72210L25TP Datasheet HTML 6Page - Integrated Device Technology IDT72210L25TP Datasheet HTML 7Page - Integrated Device Technology IDT72210L25TP Datasheet HTML 8Page - Integrated Device Technology IDT72210L25TP Datasheet HTML 9Page - Integrated Device Technology IDT72210L25TP Datasheet HTML 10Page - Integrated Device Technology IDT72210L25TP Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
5.12
7
IDT72420/72200/72210/72220/72230/72240 CMOS SyncFIFO
64 X 8, 256 X 8, 512 X 8, 1024 X 8, 2048 X 8 and 4096 X 8
MILITARY AND COMMERCIAL TEMPERATURE RANGES
NOTE:
1. After reset, the outputs will be LOW if
OE = 0 and tri-state if OE = 1.
2. The clocks (RCLK, WCLK) can be free-running during reset.
Figure 2. Reset Timing
TABLE 1: STATUS FLAGS
Number of Words in FIFO
IDT72420
IDT72200
IDT72210
IDT72220
IDT72230
IDT72240
FF
FF
AF
AF
AE
AE
EF
EF
00
0000
H
H
L
L
1 to 7
1 to 7
1 to 7
1 to 7
1 to 7
1 to 7
H
H
L
H
8 to 56
8 to 248
8 to 504
8 to 1016
8 to 2040
8 to 4088
H
H
H
H
57 to 63
249 to 255
505 to 511
1017 to 1023 2041 to 2047 4089 to 4095
H
L
H
H
64
256
512
1024
2048
4096
L
L
H
H
2680 tbl 10
tRS
tRSR
RS
REN
tRSF
tRSF
OE = 1
OE = 0
(1)
EF, AE
FF, AF
Q0 - Q7
2680 drw 04
WEN
tRSS
tRSF
tRSR
tRSS


Similar Part No. - IDT72210L25TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72210L25TPG IDT-IDT72210L25TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results

Similar Description - IDT72210L25TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com