Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72265L15GB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72265L15GB
Description  CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72265L15GB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72265L15GB Datasheet HTML 1Page - Integrated Device Technology IDT72265L15GB Datasheet HTML 2Page - Integrated Device Technology IDT72265L15GB Datasheet HTML 3Page - Integrated Device Technology IDT72265L15GB Datasheet HTML 4Page - Integrated Device Technology IDT72265L15GB Datasheet HTML 5Page - Integrated Device Technology IDT72265L15GB Datasheet HTML 6Page - Integrated Device Technology IDT72265L15GB Datasheet HTML 7Page - Integrated Device Technology IDT72265L15GB Datasheet HTML 8Page - Integrated Device Technology IDT72265L15GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
IDT72255/72265 SyncFIFO
8,192 x 18, 16,384 x 18
MILITARY AND COMMERCIAL TEMPERATURE RANGES
gramming offset registers may not be convenient.
The Retransmit function allows the read pointer to be reset
to the first location in the RAM array. It is synchronized to
RCLK when
RT is LOW. This feature is convenient for
sending the same data more than once.
If, at any time, the FIFO is not actively performing a function,
the chip will automatically power down. This occurs if neither
a read nor a write occurs within 10 cycles of the faster clock,
RCLK or WCLK. During the Power Down state, supply current
consumption (ICC2) is at a minimum. Initiating any operation
(by activating control inputs) will immediately take the device
out of the Power Down state.
The IDT72255/72265 are depth expandable. The addition
of external components is unnecessary. The
IR and OR
functions, together with
REN and WEN, are used to extend the
total FIFO memory capacity.
The FS line ensures optimal data flow through the FIFO. It
is tied to GND if the RCLK frequency is higher than the WCLK
frequency or to Vcc if the RCLK frequency is lower than the
WCLK frequency
The IDT72255/72265 is fabricated using IDT’s high speed
submicron CMOS technology.
PGA (G68-1, order code: G)
TOP VIEW
NOTES
:
1. DNC = Do not connect
D8
Pin 1 Designator
AB
C
D
E
F
G
H
J
K
L
Q0
D2
PAF
DNC
VCC
RCLK
REN
OE
GND
DNC
MRS
LD WCLK
PRS
VCC
WEN
D17
GND
D15
D16
D11
D14
D12
D10
D9
D7
D6
PAE
D4
D3
D1
D0
Q1
Q2
GND
Q3
Q4
GND
Q8
Q7
Q10
DNC
GND
VCC
Q17 Q16
Q15
Q14
Q13 Q12
Q9
HF
EF/
OR
FF/
IR
11
10
09
08
07
06
05
04
03
02
01
RT
FWFT/
SI
D13
D5
GND
VCC
GND
Q11
Q6
Q5
3037 drw 03
SEN FS
GND
PIN CONFIGURATIONS (CONT.)


Similar Part No. - IDT72265L15GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72265LA IDT-IDT72265LA Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72265LA IDT-IDT72265LA Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72265LA RENESAS-IDT72265LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72265LA10PF IDT-IDT72265LA10PF Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72265LA10PFG IDT-IDT72265LA10PFG Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - IDT72265L15GB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
logo
Integrated Device Techn...
IDT72261 IDT-IDT72261 Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com