Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT139P Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT139P
Description  FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT139P Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT139P Datasheet HTML 1Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 2Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 3Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 4Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 5Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7.4
2
IDT54/74FCT139/A/C
FAST CMOS DUAL 1-0F-4 DECODER WITH ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN DESCRIPTION
TRUTH TABLE
(1)
NOTE:
2605 tbl 05
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to VCC
–0.5 to VCC
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power
Dissipation
0.5
0.5
W
IOUT
DC Output
Current
120
120
mA
NOTES:
2605 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
con-
ditions for extended periods may affect reliability. No terminal voltage may
exceed VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
2605 tbl 02
1. This parameter is measured at characterization but not tested.
2605 tbl 04
Pin Names
Description
A0, A1
Address Inputs
E
Enable Input (Active LOW)
O0 - O3
Outputs (Active LOW)
Inputs
Outputs
EE
A0
A1
O
O0
O
O1
O
O2
O
O3
HX
X
H
H
H
H
LLL
L
H
H
H
LH
L
H
L
H
H
LL
H
H
H
L
H
LH
H
H
H
H
L


Similar Part No. - IDT74FCT139P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT139AT IDT-IDT74FCT139AT Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATD IDT-IDT74FCT139ATD Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATDB IDT-IDT74FCT139ATDB Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATE IDT-IDT74FCT139ATE Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATEB IDT-IDT74FCT139ATEB Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
More results

Similar Description - IDT74FCT139P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT139T IDT-IDT74FCT139T Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT138 IDT-IDT74FCT138 Datasheet
65Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
   Fast CMOS 1-of-8 Decoder
logo
ON Semiconductor
SN74LS155 ONSEMI-SN74LS155 Datasheet
135Kb / 4P
   DUAL 1-OF-4 DECODER
June, 2006 ??Rev. 7
logo
National Semiconductor ...
9321 NSC-9321 Datasheet
124Kb / 6P
   DUAL 1-OF-4 DECODER
93L21 NSC-93L21 Datasheet
74Kb / 3P
   DUAL 1-OF-4 DECODER
logo
Texas Instruments
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555B TI-CD4555B Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com