Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE_C Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # P4KE_C
Description  400W surge capability at 1ms
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P4KE_C Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  P4KE_C Datasheet HTML 1Page - Bruckewell Technology LTD P4KE_C Datasheet HTML 2Page - Bruckewell Technology LTD P4KE_C Datasheet HTML 3Page - Bruckewell Technology LTD P4KE_C Datasheet HTML 4Page - Bruckewell Technology LTD P4KE_C Datasheet HTML 5Page - Bruckewell Technology LTD P4KE_C Datasheet HTML 6Page - Bruckewell Technology LTD P4KE_C Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P4KE_C
VBR : 6.8 - 440 Volts
PPK : 400 Watts
Publication Order Number: [P4KE_C]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
P4KE100CA
95.0
105
1.0
85.5
5.0
3.1
137
0.106
P4KE110C
99.0
121
1.0
89.2
5.0
2.7
158
0.107
P4KE110CA
105
116
1.0
91.0
5.0
2.8
152
0.107
P4KE120C
108
132
1.0
97.2
5.0
2.4
173
0.107
P4KE120CA
114
126
1.0
102
5.0
2.5
165
0.107
P4KE130C
117
143
1.0
105
5.0
2.2
187
0.107
P4KE130CA
17124
137
1.0
111
5.0
2.3
179
0.107
P4KE150C
135
165
1.0
121
5.0
2.0
215
0.108
P4KE150CA
143
158
1.0
128
5.0
2.0
207
0.108
P4KE160C
144
176
1.0
130
5.0
1.8
230
0.108
P4KE160CA
152
168
1.0
136
5.0
1.9
219
0.108
P4KE170C
153
187
1.0
138
5.0
1.7
244
0.108
P4KE170CA
162
179
1.0
145
5.0
1.8
234
0.108
P4KE180C
162
198
1.0
146
5.0
1.6
258
0.108
P4KE180CA
171
189
1.0
154
5.0
1.7
246
0.108
P4KE200C
180
220
1.0
162
5.0
1.5
287
0.108
P4KE200CA
190
210
1.0
171
5.0
1.53
274
0.108
P4KE220C
198
242
1.0
175
5.0
1.16
344
0.108
P4KE220CA
209
231
1.0
185
5.0
1.22
328
0.108
P4KE250C
225
275
1.0
202
5.0
1.11
360
0.110
P4KE250CA
237
263
1.0
214
5.0
1.16
344
0.110
P4KE300C
270
330
1.0
243
5.0
0.93
430
0.110
P4KE300CA
285
315
1.0
256
5.0
0.97
414
0.110
P4KE350C
315
385
1.0
284
5.0
0.79
504
0.110
P4KE350CA
332
368
1.0
300
5.0
0.83
482
0.110
P4KE400C
360
440
1.0
324
5.0
0.70
574
0.110
P4KE400CA
380
420
1.0
342
5.0
0.73
548
0.110
P4KE440C
396
484
1.0
356
5.0
0.95
631
0.110
P4KE440CA
418
462
1.0
376
5.0
1.00
602
0.110


Similar Part No. - P4KE_C

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
P4KE-10 FCI-P4KE-10 Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE-100 FCI-P4KE-100 Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE-100A FCI-P4KE-100A Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE-10A FCI-P4KE-10A Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE-11 FCI-P4KE-11 Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P4KE_C

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
PASMA6.8C BWTECH-PASMA6.8C Datasheet
592Kb / 7P
   400W surge capability at 1ms
P4SMA BWTECH-P4SMA Datasheet
592Kb / 7P
   400W surge capability at 1ms
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
   600W surge capability at 1ms
1SMC_5.0_188A BWTECH-1SMC_5.0_188A Datasheet
503Kb / 5P
   1500W surge capability at 1ms
SMA6F6.8A-56A BWTECH-SMA6F6.8A-56A Datasheet
1Mb / 4P
   600W surge capability at 1ms
P6SMB_A BWTECH-P6SMB_A Datasheet
529Kb / 5P
   600W surge capability at 1ms
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com