Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72271L25GB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72271L25GB
Description  CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72271L25GB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72271L25GB Datasheet HTML 1Page - Integrated Device Technology IDT72271L25GB Datasheet HTML 2Page - Integrated Device Technology IDT72271L25GB Datasheet HTML 3Page - Integrated Device Technology IDT72271L25GB Datasheet HTML 4Page - Integrated Device Technology IDT72271L25GB Datasheet HTML 5Page - Integrated Device Technology IDT72271L25GB Datasheet HTML 6Page - Integrated Device Technology IDT72271L25GB Datasheet HTML 7Page - Integrated Device Technology IDT72271L25GB Datasheet HTML 8Page - Integrated Device Technology IDT72271L25GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
IDT72261/72271 SyncFIFO
16,384 x 9, 32,768 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DT72261L
IDT72261L
IDT72271L
IDT72271L
Commercial
Military
tCLK = 10, 12,15, 20ns
tCLK = 15, 25ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (any input)
–1
1
–10
10
µA
ILO
(2)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
0.4
V
ICC1
(3)
Active Power Supply Current
150
200
mA
ICC2
(3,4)
Power Down Current (All inputs = VCC - 0.2V or
15
25
mA
GND + 0.2V, RCLK and WCLK are free-running)
NOTES
:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
OE = VIH
3. Tested at f = 20 MHz with outputs unloaded.
4. No data written or read for more than 10 cycles
RECOMMENDED DC
OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCCM
Military Supply
4.5
5.0
5.5
V
Voltage
VCCC
Commercial Supply
4.5
5.0
5.5
V
Voltage
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
Commercial
VIH
Input High Voltage
2.2
V
Military
VIL
(1)
Input Low Voltage
0.8
V
Commercial & Military
NOTE:
3097 tbl 03
1. 1.5V undershoots are allowed for 10ns once per cycle.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
MIilitary
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with respect to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature Under
–55 to +125
–65 to +135
°C
Bias
TSTG
Storage
–55 to +125
–65 to +155
°C
Temperature
IOUT
DC Output Current
50
50
mA
NOTE:
3097 tbl 02
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied.
Exposure to absolute maimum rating conditions for extended periods may
affect reliabilty.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
(2)
Input
VIN = 0V
10
pF
Capacitance
COUT
(1,2)
Output
VOUT = 0V
10
pF
Capacitance
3097 tbl 05
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
3097 tbl 04
NOTES
:
1. With output deselected, (
OE=HIGH).
2. Characterized values, not currently tested.


Similar Part No. - IDT72271L25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72271LA IDT-IDT72271LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72271LA IDT-IDT72271LA Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72271LA RENESAS-IDT72271LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72271LA10PF IDT-IDT72271LA10PF Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72271LA10PFI IDT-IDT72271LA10PFI Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - IDT72271L25GB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72255 IDT-IDT72255 Datasheet
394Kb / 30P
   CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
logo
Renesas Technology Corp
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Toshiba Semiconductor
TC55329P TOSHIBA-TC55329P Datasheet
307Kb / 8P
   32,768 WORD x 9 BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com