Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF21-SF28 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SF21-SF28
Description  SUPER FAST RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SF21-SF28 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SF21-SF28 Datasheet HTML 1Page - Bruckewell Technology LTD SF21-SF28 Datasheet HTML 2Page - Bruckewell Technology LTD SF21-SF28 Datasheet HTML 3Page - Bruckewell Technology LTD SF21-SF28 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SF21-SF28
SUPER FAST RECTIFIERS
Publication Order Number: [SF21-SF28]
© Bruckewell Technology Corporation Rev. A -2014
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by20%.
Symbol
SF21
SF22
SF23
SF24
SF25
SF26
SF27
SF28
Unit
Maximum instantaneous forward
voltage @ 2.0A
VF
0.95
1.25
1.7
V
Maximum reverse current
@TA=25°C
at rated DC blocking voltage
@TA=125°C
IR
5.0
50.0
μA
Maximum reverse recovery time
(Note1)
Trr
35
ns
Typical junction capacitance
(Note2)
CJ
60
30
pF
Typical thermal resistance (Note3)
RθJA
20
°C/W
Operating junction temperature
range
TJ
-55 to +125
°C
Storage temperature range
TSTG
-55 to +150
°C
NOTE:
1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
3. Thermal resistance f rom junction to ambient.


Similar Part No. - SF21-SF28

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
SF21-SF28 HDSEMI-SF21-SF28 Datasheet
1Mb / 4P
   D O - 1 5 Plastic-Encapsulate Diodes
More results

Similar Description - SF21-SF28

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com