Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD4001 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SOD4001
Description  SURFACE MOUNT GENERAL RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SOD4001 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SOD4001_7 Datasheet HTML 1Page - Bruckewell Technology LTD SOD4001_7 Datasheet HTML 2Page - Bruckewell Technology LTD SOD4001_7 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOD4001_7
SURFACE MOUNT GENERAL RECTIFIER
Publication Order Number: [SOD4001_7]
© Bruckewell Technology Corporation Rev. A -2014
■RATING AND CHARACTERISTIC CURVES
FIG.2-TYPICAL FORWARD CURRENT DERATING
CURVE
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE


Similar Part No. - SOD4001_7

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SOD4001-SH LRC-SOD4001-SH Datasheet
322Kb / 11P
   Cavity-free glass passivated junction
logo
Micro Commercial Compon...
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
SOD4001F SUNMATE-SOD4001F Datasheet
435Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Leshan Radio Company
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Microdiode Electronics ...
SOD4001 CHENDA-SOD4001_V01 Datasheet
847Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - SOD4001_7

ManufacturerPart #DatasheetDescription
logo
Formosa MS
M1 FORMOSA-M1 Datasheet
118Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S6A FORMOSA-S6A Datasheet
119Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
   Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
   Surface Mount General Rectifier
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Yea Shin Technology Co....
M1-L YEASHIN-M1-L Datasheet
713Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Electronics ...
S3A CHENDA-S3A Datasheet
551Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com