Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT138CD Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT138CD
Description  FAST CMOS 1-OF-8 DECODER WITH ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT138CD Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT138CD Datasheet HTML 1Page - Integrated Device Technology IDT54FCT138CD Datasheet HTML 2Page - Integrated Device Technology IDT54FCT138CD Datasheet HTML 3Page - Integrated Device Technology IDT54FCT138CD Datasheet HTML 4Page - Integrated Device Technology IDT54FCT138CD Datasheet HTML 5Page - Integrated Device Technology IDT54FCT138CD Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.3
DSC-4625/3
®
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a trademark of National Semiconductor Co.
FEATURES:
• IDT54/74FCT138 equivalent to FAST
™ speed
• IDT54/74FCT138A 35% faster than FAST
• IDT54/74FCT138C 40% faster than FAST
• Equivalent to FAST speeds output drive over full tem-
perature and voltage supply extremes
•IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than FAST
(5
µA max.)
• JEDEC standard pinout for DIP and LCC
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing # 5962-87654 is listed on this
function. Refer to section 2.
DESCRIPTION:
The IDT54/74FCT138/A/C are 1-of-8 decoders built using
an advanced dual metal CMOS technology.
The IDT54/
74FCT138/A/C accept three binary weighted inputs (A0, A1,
A2) and, when enabled, provide eight mutually exclusive
active LOW outputs (
O0 - O7). The IDT54/74FCT138/A/C
feature three enable inputs, two active LOW (
E1, E2) and one
active HIGH (E3). All outputs will be HIGH unless
E1 and E2
are LOW and E3 is HIGH. This multiple enable function allows
easy parallel expansion of the device to a 1-of-32 (5 lines to
32 lines) decoder with just four IDT54/74FCT138/A/C devices
and one inverter.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
DIP/SOIC/CERPACK
TOP VIEW
4
5
6
7
8
L20-2
18
17
16
15
14
INDEX
2581 drw 01
E3
NC
NC
A2
E1
E2
O1
O2
O3
O4
9 10 11 12 13
32
1
20 19
LCC
TOP VIEW
IDT54/74FCT138
IDT54/74FCT138A
IDT54/74FCT138C
FAST CMOS
1-OF-8 DECODER
WITH ENABLE
2581 drw 02
O0
O1
O2
O3
O4
O5
O6
O7
E1 E2 E3
A0
A1
A2
5
6
7
8
A0
A1
1
2
3
4
16
15
14
13
12
11
10
9
Vcc
P16-1,
D16-1,
SO16-1
&
E16-1
A2
E1
E2
GND
O0
O1
O2
O3
O4
O
O6
O7
5
E3
1


Similar Part No. - IDT54FCT138CD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT138CT IDT-IDT54FCT138CT Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT54FCT138CTD IDT-IDT54FCT138CTD Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT54FCT138CTDB IDT-IDT54FCT138CTDB Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT54FCT138CTE IDT-IDT54FCT138CTE Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT54FCT138CTEB IDT-IDT54FCT138CTEB Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
More results

Similar Description - IDT54FCT138CD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT139 IDT-IDT74FCT139 Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139T IDT-IDT74FCT139T Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
   Fast CMOS 1-of-8 Decoder
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
   1-of-8 Decoder
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
logo
Intersil Corporation
CDP1853C INTERSIL-CDP1853C Datasheet
35Kb / 7P
   High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com