Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72801L15TF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72801L15TF
Description  DUAL CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72801L15TF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72801L15TF Datasheet HTML 7Page - Integrated Device Technology IDT72801L15TF Datasheet HTML 8Page - Integrated Device Technology IDT72801L15TF Datasheet HTML 9Page - Integrated Device Technology IDT72801L15TF Datasheet HTML 10Page - Integrated Device Technology IDT72801L15TF Datasheet HTML 11Page - Integrated Device Technology IDT72801L15TF Datasheet HTML 12Page - Integrated Device Technology IDT72801L15TF Datasheet HTML 13Page - Integrated Device Technology IDT72801L15TF Datasheet HTML 14Page - Integrated Device Technology IDT72801L15TF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Commercial And Industrial Temperature Range
IDT72801/728211/72821/72831/72841/72851
NOTE:
1. Only one of the two write enable inputs,
WEN1 or WEN2, needs to go inactive to inhibit writes to the FIFO.
Figure 8. Full Flag Timing
WCLKA
(WCLKB)
DA0 - DA8
(DB0 - DB8)
FFA (FFB)
WENA1
(
WENB1)
WENA2
(WENB2)
(If Applicable)
RCLKA
(RCLKB)
RENA1
(
RENB2)
QA0 - QA8
(QB0 - QB8)
OEA
(
OEB)
3034 drw 09
tSKEW1
tDS
tSKEW1
tENH
tENH
NEXT DATA READ
DATA READ
tWFF
tWFF
tWFF
tENS
tENS
DATA IN OUTPUT REGISTER
LOW
NO WRITE
NO WRITE
tA
tA
tENS
tENS
tENS
(1)
tENS
(1)
tENH
tENH
NO WRITE
tDH
tDS
tDS
tENS
tENH
tENS
tENH
tENS
tENH
tENS
tENH
DATA WRITE 2
WCLKA (WCLKB)
DA0 - DA8
(DB0 - DB8)
RCLKA (RLCKB)
EFA (EFB)
RENA1, RENA2
(
RENB1, RENB2)
DATA READ
tSKEW1
tFRL
tFRL
(1)
tSKEW1
WENA2 (WENB2)
(If Applicable)
tREF
tREF
WENA1, (WENB1)
3034 drw 10
DATA WRITE 1
tREF
(1)
LOW
OEA (OEB)
QA0-QA8
(QB0-QB8)
DATA IN OUTPUT REGISTER
tA
NOTE:
1. When tSKEW1
≥ minimum specification, tFRL maximum = tCLK + tSKEW1
When tSKEW1
< minimum specification, tFRL maximum = 2tCLK + tSKEW1 or tCLK + tSKEW1
The Latency Timings apply only at the Empty Boundary (
EFA, EFB = LOW).
Figure 9. Empty Flag Timing


Similar Part No. - IDT72801L15TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801L15PF IDT-IDT72801L15PF Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72801L15TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com