Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD538 Datasheet(PDF) 6 Page - Analog Devices

Part # AD538
Description  Real-Time Analog Computational Unit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD538_15 Datasheet HTML 2Page - Analog Devices AD538_15 Datasheet HTML 3Page - Analog Devices AD538_15 Datasheet HTML 4Page - Analog Devices AD538_15 Datasheet HTML 5Page - Analog Devices AD538_15 Datasheet HTML 6Page - Analog Devices AD538_15 Datasheet HTML 7Page - Analog Devices AD538_15 Datasheet HTML 8Page - Analog Devices AD538_15 Datasheet HTML 9Page - Analog Devices AD538_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD538
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
250 mW
Output Short Circuit-to-Ground
Indefinite
Input Voltages V
X, VY, VZ
(+V
S − 1 V), −1 V
Input Currents I
X, IY, IZ, IO
1 mA
Operating Temperature Range
−25°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature, Storage
60 sec, +300°C
Thermal Resistance
θ
JC
35°C/W
θ
JA
120°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD538_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5380 AD-AD5380 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
More results

Similar Description - AD538_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538BDZ AD-AD538BDZ Datasheet
511Kb / 17P
   Real-Time Analog Computational Unit (ACU)
Rev. E
AD538 AD-AD538 Datasheet
167Kb / 11P
   Real-Time Analog Computational Unit ACU
REV. C
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com