Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS10PU120S Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SS10PU120S
Description  High Surge Protection High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS10PU120S Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SS10PU120S Datasheet HTML 1Page - Bruckewell Technology LTD SS10PU120S Datasheet HTML 2Page - Bruckewell Technology LTD SS10PU120S Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary SS10PU120S
High Surge Protection
High Current Density Surface Mount
Ultra Low VF Schottky Rectifier
Publication Order Number: [SS10PU120S]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS10PU120S
Unit
Maximum repetitive peak reverse voltage
VRRM
120
V
Working peak reverse voltage
VRWM
120
V
Maximum DC blocking voltage
VDC
120
V
Maximum average forward rectified current
IF(AV)
10
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
210
A
Non-repetitive avalanche energy at 25 °C
IAS = 2 A per diode
EAS
20
m’J
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Note:
(1) Mounted on 30 mm x 30 mm Al P.C.B. with 50 mm x 25 mm x 100 mm fin heat sink
(2) Free air, mounted on recommended copper pad area
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=10A, Tj=25°C
at IF=10A, Tj=125°C
VF
0.68
0.60
0.73
V
Maximum reverse current per leg
Tj=25°C
IR
20
u
’A
at working peak reverse voltage
Tj=125°C
5
m
’A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
60
°C/W
Rthjc
3
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Similar Part No. - SS10PU120S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100S BWTECH-SS10PU100S Datasheet
765Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
More results

Similar Description - SS10PU120S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS6PU100 BWTECH-SS6PU100 Datasheet
446Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8PU100 BWTECH-SS8PU100 Datasheet
300Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8P100 BWTECH-SS8P100 Datasheet
232Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100S BWTECH-SS10PU100S Datasheet
765Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SD10PU100 BWTECH-SD10PU100 Datasheet
166Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS5P100 BWTECH-SS5P100 Datasheet
214Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU80 BWTECH-SS10PU80 Datasheet
161Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS20PU80 BWTECH-SS20PU80 Datasheet
161Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS12PU120S BWTECH-SS12PU120S Datasheet
272Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Rev. A -2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com