Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7201LA80TP Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7201LA80TP
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7201LA80TP Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7201LA80TP Datasheet HTML 3Page - Integrated Device Technology IDT7201LA80TP Datasheet HTML 4Page - Integrated Device Technology IDT7201LA80TP Datasheet HTML 5Page - Integrated Device Technology IDT7201LA80TP Datasheet HTML 6Page - Integrated Device Technology IDT7201LA80TP Datasheet HTML 7Page - Integrated Device Technology IDT7201LA80TP Datasheet HTML 8Page - Integrated Device Technology IDT7201LA80TP Datasheet HTML 9Page - Integrated Device Technology IDT7201LA80TP Datasheet HTML 10Page - Integrated Device Technology IDT7201LA80TP Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
IDT7200/7201A/7202A CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
MILITARY, INDUSTRIAL AND COMMERCIAL TEMPERATURE RANGES
pointer and read pointer is less than or equal to one half of the
total memory of the device. The Half-Full Flag (
HF) is then
reset by using rising edge of the read operation.
In the Depth Expansion Mode, Expansion In (
XI) is con-
nected to Expansion Out (
XO) of the previous device. This
output acts as a signal to the next device in the Daisy Chain
by providing a pulse to the next device when the previous
device reaches the last location of memory.
DATA OUTPUTS (Q0 – Q8)
Data outputs for 9-bit wide data. This data is in a high
impedance condition whenever Read (
R) is in a high state.
W
RS
R
EF
HF, FF
tRSC
t RS
t RSS
t RSS
tRSR
t EFL
t HFH, t FFH
2679 drw 04
NOTES:
1.
EF, FF, HF may change status during Reset, but flags will be valid at tRSC.
2.
W and R = VIH around the rising edge of RS.
Figure 2. Reset
LAST WRITE
R
IGNORED
WRITE
FIRST READ
ADDITIONAL
READS
FIRST
WRITE
W
FF
t WFF
tRFF
2679 drw 06
Figure 4. Full Flag From Last Write to First Read
t A
R
t RC
DATA OUT VALID
DATA OUT VALID
t RPW
t RLZ
t DV
t A
t RHZ
t RR
t WC
t WR
t WPW
DATA IN VALID
DATA IN VALID
tDS
tDH
Q0 – Q8
2679 drw 05
W
D0 – D8
Figure 3. Asynchronous Write and Read Operation


Similar Part No. - IDT7201LA80TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7201LA IDT-IDT7201LA Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7201LA ETC2-IDT7201LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results

Similar Description - IDT7201LA80TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com