Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8552 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM8552
Description  Precision Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8552 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM8552 Datasheet HTML 3Page - SG Micro Corp SGM8552 Datasheet HTML 4Page - SG Micro Corp SGM8552 Datasheet HTML 5Page - SG Micro Corp SGM8552 Datasheet HTML 6Page - SG Micro Corp SGM8552 Datasheet HTML 7Page - SG Micro Corp SGM8552 Datasheet HTML 8Page - SG Micro Corp SGM8552 Datasheet HTML 9Page - SG Micro Corp SGM8552 Datasheet HTML 10Page - SG Micro Corp SGM8552 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single-Supply, Dual Rail-to-Rail I/O
Precision Operational Amplifier
7
SG Micro Corp
www.sg-micro.com
SGM8552
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Noise Density at +5V
from 0.1Hz to 2.5kHz
0
13
26
39
52
65
78
91
104
0
0.5
1
1.5
2
2.5
Frequency (kHz)
RS = 0Ω
Voltage Noise Density at +5V
from 0.1Hz to 25kHz
0
16
32
48
64
80
96
112
128
0
5
10
15
20
25
Frequency (kHz)
RS = 0Ω
PSRR vs. Frequency at ±2.5V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
Frequency (kHz)
+PSRR
-PSRR
Voltage Noise Density at +2.5V
from 0.1Hz to 2.5kHz
0
13
26
39
52
65
78
91
104
0
0.5
1
1.5
2
2.5
Frequency (kHz)
RS = 0Ω
Voltage Noise Density at +2.5V
from 0.1Hz to 25kHz
0
16
32
48
64
80
96
112
128
0
5
10
15
20
25
Frequency (kHz)
RS = 0Ω
PSRR vs. Frequency at ±1.25V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
Frequency (kHz)
+PSRR
-PSRR


Similar Part No. - SGM8552

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8551 SGMICRO-SGM8551 Datasheet
450Kb / 12P
   Precision Operational Amplifier
SGM8554 SGMICRO-SGM8554 Datasheet
433Kb / 12P
   Precision Operational Amplifier
More results

Similar Description - SGM8552

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com