Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8552 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM8552
Description  Precision Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8552 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM8552 Datasheet HTML 1Page - SG Micro Corp SGM8552 Datasheet HTML 2Page - SG Micro Corp SGM8552 Datasheet HTML 3Page - SG Micro Corp SGM8552 Datasheet HTML 4Page - SG Micro Corp SGM8552 Datasheet HTML 5Page - SG Micro Corp SGM8552 Datasheet HTML 6Page - SG Micro Corp SGM8552 Datasheet HTML 7Page - SG Micro Corp SGM8552 Datasheet HTML 8Page - SG Micro Corp SGM8552 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single-Supply, Dual Rail-to-Rail I/O
Precision Operational Amplifier
2
SG Micro Corp
www.sg-micro.com
SGM8552
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE OPTION
MARKING
INFORMATION
SGM8552XMS8G/TR
MSOP-8
Tape and Reel, 3000
SGM8552XMS8
SGM8552
SGM8552XS8G/TR
SOIC-8
Tape and Reel, 2500
SGM8552XS8
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -VS to (+VS) + 0.1V
Differential Input Voltage. . . . . . . . . . . . . . . . . . . . . . . -5V to 5V
Storage Temperature Range . . . . . . . . . . . . . . -65
℃ to +150℃
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . .150
Operating Temperature Range. . . . . . . . . . . . . -40
℃ to +125℃
Lead Temperature (Soldering 10 sec)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
ESD Susceptibility
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8000V
MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM8552

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8551 SGMICRO-SGM8551 Datasheet
450Kb / 12P
   Precision Operational Amplifier
SGM8554 SGMICRO-SGM8554 Datasheet
433Kb / 12P
   Precision Operational Amplifier
More results

Similar Description - SGM8552

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com