Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT163501PV Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT163501PV
Description  3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163501PV Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT163501PV Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163501PV Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163501PV Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163501PV Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163501PV Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163501PV Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163501PV Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IDT74FCT163501/A/C
3.3V 18-BIT REGISTERED TRANSCEIVER
COMMERCIAL TEMPERATURE RANGE
8.6
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = –40
°C to +85°C, VCC = 2.7V to 3.6V
2776 lnk 05
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input pins)
Guaranteed Logic HIGH Level
2.0
5.5
V
Input HIGH Level (I/O pins)
2.0
VCC+0.5
VIL
Input LOW Level
Guaranteed Logic LOW Level
–0.5
0.8
V
(Input and I/O pins)
II H
Input HIGH Current (Input pins)
VCC = Max.
VI = 5.5V
±1
µA
Input HIGH Current (I/O pins)
VI = VCC
±1
II L
Input LOW Current (Input pins)
VI = GND
±1
Input LOW Current (I/O pins)
VI = GND
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = VCC
±1
µA
IOZL
(3-State Output pins)
VO = GND
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
0.7
1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
–36
–60
–110
mA
IODL
Output LOW Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
50
90
200
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –0.1mA
VCC0.2
V
VIN = VIH or VIL
IOH = –3mA
2.4
3.0
VCC = 3.0V
VIN = VIH or VIL
IOH = –8mA
2.4(5)
3.0
VOL
Output LOW Voltage
VCC = Min.
IOL = 0.1mA
0.2
V
VIN = VIH or VIL
IOL = 16mA
0.2
0.4
IOL = 24mA
0.3
0.55
VCC = 3.0V
VIN = VIH or VIL
IOL = 24mA
0.3
0.50
IOS
Short Circuit Current(4)
VCC = Max., VO = GND(3)
–60
135
–240
mA
VH
Input Hysteresis
150
mV
ICCL
ICCH
Quiescent Power Supply Current
VCC = Max.,
VIN = GND or VCC
0.1
10
µA
ICCZ
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, +25
°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC –0.6V at rated current.


Similar Part No. - IDT74FCT163501PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543A IDT-IDT74FCT163543A Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543APA IDT-IDT74FCT163543APA Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543APF IDT-IDT74FCT163543APF Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543APV IDT-IDT74FCT163543APV Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
More results

Similar Description - IDT74FCT163501PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LCX646 PERICOM-PI74LCX646 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Registered Transceiver
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com