Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72265L10TFB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72265L10TFB
Description  CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72265L10TFB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72265L10TFB Datasheet HTML 2Page - Integrated Device Technology IDT72265L10TFB Datasheet HTML 3Page - Integrated Device Technology IDT72265L10TFB Datasheet HTML 4Page - Integrated Device Technology IDT72265L10TFB Datasheet HTML 5Page - Integrated Device Technology IDT72265L10TFB Datasheet HTML 6Page - Integrated Device Technology IDT72265L10TFB Datasheet HTML 7Page - Integrated Device Technology IDT72265L10TFB Datasheet HTML 8Page - Integrated Device Technology IDT72265L10TFB Datasheet HTML 9Page - Integrated Device Technology IDT72265L10TFB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72255/72265 SyncFIFO
8,192 x 18, 16,384 x 18
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
3037 tbl 06
Commercial
Com'l & Mil. Commercial
Military
72255L10
72255L12
72255L15
72255L20
72255L25
72265L10
72265L12
72265L15
72265L20
72265L25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
83.3
66.7
50
40
MHz
tA
Data Access Time
2
8
2
9
2
10
2
12
3
15
ns
tCLK
Clock Cycle Time
10
12
15
20
25
ns
tCLKH
Clock High Time
4.5
5
6
8
10
ns
tCLKL
Clock Low Time
4.5(2)
—5(2)
—6(2)
—8
10
ns
tDS
Data Set-up Time
3.5
3.5
4
5
6
ns
tDH
Data Hold Time
0
0
1
1
1
ns
tENS
Enable Set-up Time
3.5
3.5
4
5
6
ns
tENH
Enable Hold Time
0
0
1
1
1
ns
tLDS
Load Set-up Time
3.5
3.5
4
5
6
ns
tLDH
Load Hold Time
6.5
8.5
10
10
10
ns
tRS
Reset Pulse Width(3)
10
12
15
20
25
ns
tRSS
Reset Set-up Time
10
12
15
20
25
ns
tRSR
Reset Recovery Time
10
12
15
20
25
ns
tRSF
Reset to Flag and Output Time
10
12
15
20
25
ns
tFWFT
Mode Select Time
0
0
0
0
0
ns
tRTS
Retransmit Set-Up Time
3.5
3.5
4
5
6
ns
tOLZ
Output Enable to Output in Low Z(4)
0—
0—
0
0
0
ns
tOE
Output Enable to Output Valid
3
7
3
7.5
3
8
3
10
3
13
ns
tOHZ
Output Enable to Output in High Z(4)
3
7
3
7.5
3
8
3
10
3
13
ns
tWFF
Write Clock to
FF or IR
—8
—9
10
12
15
ns
tREF
Read Clock to
EF or OR
—8
—9
10
12
15
ns
tPAF
Write Clock to
PAF
8
9
—10
12
—15
ns
tPAE
Read Clock to
PAE
—8
—9
10
12
15
ns
tHF
Clock to
HF
16
18
20
22
25
ns
tSKEW1
Skew time between RCLK and WCLK
8
10
12
15
20
ns
for
FF and IR
tSKEW2
Skew time between RCLK and
15
18
21
25
35
ns
WCLK for
PAE and PAF
NOTES:
1. All AC timings apply to both Standard IDT Mode and First Word Fall
Through Mode.
2. For the RCLK line: tCLKL (min.) = 7 ns only when reading the offsets from
the programmable flag registers; otherwise, use the table value. For the
WCLK line, use the tCLKL (min.) value given in the table.
3. Pulse widths less than minimum values are not allowed.
4. Values guaranteed by design, not currently tested.
3037 tbl 08
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
See Figure 1
AC TEST CONDITIONS
Figure 1. Output Load
* Includes jig and scope capacitances.
3037 drw 04
1.1K
30pF*
680
5V
D.U.T.
1.5V
1.5V
3ns


Similar Part No. - IDT72265L10TFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72265LA IDT-IDT72265LA Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72265LA IDT-IDT72265LA Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72265LA RENESAS-IDT72265LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72265LA10PF IDT-IDT72265LA10PF Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72265LA10PFG IDT-IDT72265LA10PFG Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - IDT72265L10TFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
logo
Integrated Device Techn...
IDT72261 IDT-IDT72261 Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com