Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT163501APV Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT163501APV
Description  3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163501APV Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT163501APV Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163501APV Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163501APV Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163501APV Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163501APV Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163501APV Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163501APV Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDT74FCT163501/A/C
3.3V 18-BIT REGISTERED TRANSCEIVER
COMMERCIAL TEMPERATURE RANGE
8.6
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
(4)
2776 tbl 07
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
4. Propagation Delays and Enable/Disable times are with VCC = 3.3V
±0.3V, Normal Range. For VCC = 2.7V to 3.6V, Extended Range, all Propagation Delays
and Enable/Disable times should be degraded by 20%.
5. This parameter is guaranteed but not tested.
FCT163501
FCT163501A
FCT163501C
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
fMAX
CLKAB or CLKBA frequency
CL = 50pF
100
150
150
MHz
tPLH
tPHL
Propagation Delay
Ax to Bx or Bx to Ax
RL = 500
1.5
6.5
1.5
5.1
1.5
4.6
ns
tPLH
tPHL
Propagation Delay
LEBA to Ax, LEAB to Bx
1.5
7.5
1.5
5.6
1.5
5.3
ns
tPLH
tPHL
Propagation Delay
CLKBA to Ax, CLKAB to Bx
1.5
8.0
1.5
5.6
1.5
5.3
ns
tPZH
tPZL
Output Enable Time
OEBA to Ax, OEAB to Bx
1.5
8.0
1.5
6.0
1.5
5.6
ns
tPHZ
tPLZ
Output Disable Time
OEBA to Ax, OEAB to Bx
1.5
7.5
1.5
5.6
1.5
5.2
ns
tSU
Set-up Time, HIGH or LOW
Ax to CLKAB, Bx to CLKBA
4.0
3.0
3.0
ns
tH
Hold Time, HIGH or LOW
Ax to CLKAB, Bx to CLKBA
0—
0—
0—
ns
tSU
Set-up Time
HIGH or LOW
Clock
LOW
4.0
3.0
3.0
ns
Ax to LEAB,
Bx to LEBA
Clock
HIGH
1.5
1.5
1.5
ns
tH
Hold Time HIGH or LOW
Ax to LEAB, Bx to LEBA
1.5
1.5
1.5
ns
tW
LEAB or LEBA Pulse Width
HIGH(5)
3.0
3.0
3.0
ns
tW
CLKAB or CLKBA Pulse
Width HIGH or LOW(5)
3.0
3.0
3.0
ns
tSK(o)
Output Skew(3)
0.5
0.5
0.5
ns


Similar Part No. - IDT74FCT163501APV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543A IDT-IDT74FCT163543A Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543APA IDT-IDT74FCT163543APA Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543APF IDT-IDT74FCT163543APF Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543APV IDT-IDT74FCT163543APV Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
More results

Similar Description - IDT74FCT163501APV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LCX646 PERICOM-PI74LCX646 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Registered Transceiver
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com