Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7217L35G Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7217L35G
Description  16 x 16 PARALLEL CMOS MULTIPLIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7217L35G Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7217L35G Datasheet HTML 3Page - Integrated Device Technology IDT7217L35G Datasheet HTML 4Page - Integrated Device Technology IDT7217L35G Datasheet HTML 5Page - Integrated Device Technology IDT7217L35G Datasheet HTML 6Page - Integrated Device Technology IDT7217L35G Datasheet HTML 7Page - Integrated Device Technology IDT7217L35G Datasheet HTML 8Page - Integrated Device Technology IDT7217L35G Datasheet HTML 9Page - Integrated Device Technology IDT7217L35G Datasheet HTML 10Page - Integrated Device Technology IDT7217L35G Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
11.3
7
IDT7216L, IDT7217L
16 x 16 PARALLEL CMOS MULTIPLIERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS COMMERCIAL (VCC = 5V
± 10%, TA = 0° to +70°C)
NOTES:
2580 tbl 06
1. To ensure that the correct product is entered in the output registers, new data may not be entered into the registers before the output registers have been
clocked.
2. Transition is measured
±500mV from steady state voltage.
3. Guaranteed by design, not production tested.
4. Minimum propagation delay times are guaranteed, not production tested.
5. This speed is available in PGA and PLCC packages only.
7216L16(5)
7217L16
7216L20
7217L20
7216L25
7217L25
7216L35
7217L35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tMUC
Unclocked Multiply Time(4)
2
25
2
30
2
38
2
55
ns
tMC
Clocked Multiply Time(4)
2
16
2
20
2
25
2
35
ns
tS
X, Y, RND Set-up Time
10
11
12
12
ns
tH
X, Y, RND Hold Time
1
1
2
3
ns
tPWH
Clock Pulse Width High
7
9
10
10
ns
tPWL
Clock Pulse Width Low
7
9
10
10
ns
tPDSEL
MSPSEL to Product Out(4)
2
15
2
18
2
20
2
25
ns
tPDP
Output Clock to P(4)
2
15
2
18
2
20
2
25
ns
tPDY
Output Clock to Y(4)
2
15
2
18
2
20
2
25
ns
tENA
3-State Enable Time
15
18
20
25
ns
tDIS
3-State Disable Time(2)
15
18
20
22
ns
tS
Clock Enable Set-up Time (IDT7217 only)
9
10
10
10
ns
tH
Clock Enable Hold Time (IDT7217 only)
0
0
2
3
ns
tHCL
Clock Low Hold Time CLKXY
Relative to CLKML (IDT7216 only)(1,3)
0—
0
0—
0
ns
7216L45
7217L45
7216L55
7217L55
7216L65
7217L65
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tMUC
Unclocked Multiply Time(4)
265
2
75
285
ns
tMC
Clocked Multiply Time(4)
245
2
55
265
ns
tS
X, Y, RND Set-up Time
15
20
20
ns
tH
X, Y, RND Hold Time
3
3
3
ns
tPWH
Clock Pulse Width High
15
15
15
ns
tPWL
Clock Pulse Width Low
15
20
20
ns
tPDSEL
MSPSEL to Product Out(4)
225
2
25
230
ns
tPDP
Output Clock to P(4)
225
2
30
230
ns
tPDY
Output Clock to Y(4)
225
2
30
230
ns
tENA
3-State Enable Time
25
30
35
ns
tDIS
3-State Disable Time(2)
—22
25
—25
ns
tS
Clock Enable Set-up Time (IDT7217 only)
10
10
10
ns
tH
Clock Enable Hold Time (IDT7217 only)
3
3
3
ns
tHCL
Clock Low Hold Time CLKXY Relative to CLKML
(IDT7216 only)(1,3)
0—
0—
0—
ns


Similar Part No. - IDT7217L35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210 IDT-IDT7210 Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L35J IDT-IDT72103L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L50J IDT-IDT72103L50J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104 IDT-IDT72104 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
More results

Similar Description - IDT7217L35G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU16 RENESAS-HMU16 Datasheet
656Kb / 13P
   null16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com