Electronic Components Datasheet Search |
|
IDT72255L12TFB Datasheet(PDF) 11 Page - Integrated Device Technology |
|
IDT72255L12TFB Datasheet(HTML) 11 Page - Integrated Device Technology |
11 / 30 page 11 IDT72255/72265 SyncFIFO ™ 8,192 x 18, 16,384 x 18 MILITARY AND COMMERCIAL TEMPERATURE RANGES NOTE: 1. Any bits of the offset register not being programmed should be set to zero. Figure 3. Offset Register Location and Default Values EMPTY OFFSET REGISTER 17 0 07FH if LD is LOW at Master Reset, 3FFH if LD is HIGH at Master Reset FULL OFFSET REGISTER 17 0 DEFAULT VALUE DEFAULT VALUE 07FH if LD is LOW at Master Reset, 3FFH if LD is HIGH at Master Reset 12 12 72255 – 8,192 x 18–BIT 3037 drw 05 EMPTY OFFSET REGISTER 17 0 07FH if LD is LOW at Master Reset, 3FFH if LD is HIGH at Master Reset FULL OFFSET REGISTER 17 0 DEFAULT VALUE DEFAULT VALUE 07FH if LD is LOW at Master Reset, 3FFH if LD is HIGH at Master Reset 13 13 72265 – 16,384 x 18–BIT 3037 drw 06 that updates the flag. tFWL1 includes any delays due to clock skew and can be expressed as follows: tFWL1 max. = 10*Tf + 2*TRCLK (in ns) where Tf is either the RCLK or the WCLK period, whichever is shorter, and TRCLK is the RCLK period. Since no read can take place until EF goes HIGH, the tFWL1 delay determines how early the first word can be available at Qn. This delay has no effect on the reading of subsequent words. In FWFT Mode, the Ouput Ready ( OR) function is selected. OR goes LOW at the same time that the first word written to an empty FIFO appears valid on the outputs. OR goes HIGH one cycle after RCLK shifts the last word from the FIFO memory to the outputs. Then further data reads are inhibited until OR goes LOW again. When writing the first word to an empty FIFO, the assertion time of OR is variable, and can be represented by the First Word Latency parameter, tFWL2, which is measured from the rising WCLK edge that writes the first word to the rising RCLK edge that updates the flag. tFWL2 includes any delay due to clock skew and can be expressed as follows: tFWL2 max. = 10*Tf + 3*TRCLK (in ns) where Tf is either the RCLK or the WCLK period, whichever is shorter, and TRCLK is the RCLK period. Note that the First Word Latency in FWFT mode is one RCLK cycle longer than in IDT Standard mode. The tFWL2 delay determines how early the first word can be available at Qn. This delay has no effect on the reading of subsequent words. EF/OR is sychronized to the RCLK. It is double-registered to enhance metastable immunity. OUTPUTS: FULL FLAG ( FF FF/IR IR) This is a dual purpose pin. In IDT Standard Mode, the Full Flag (FF) function is selected. When the FIFO is full (i.e. the write pointer catches up to the read pointer), FF will go LOW, inhibiting further write operation. When FF is HIGH, the FIFO is not full. If no reads are performed after a reset (either MRS or PRS), FF will go LOW after 8,192 writes tor the IDT72255 and 16,384 writes to the IDT72265. In FWFT Mode, the Input Ready (IR) function is selected. IR goes LOW when memory space is available for writing in data. When there is no longer any free space left, IR goes HIGH, inhibiting further write operation. If no reads are performed after a reset (either MRS or PRS), IR will go HIGH after 8,193 writes for the IDT72255 and 16,385 writes for the IDT72265. The IR status not only measures the contents of the FIFO memory, but also counts the presence of a word in the output register. Thus, in FWFT mode, the total number of writes necessary to deassert IR is one greater than needed to assert FF in IDT Standard mode. FF/IR is synchronized to WCLK. It is double-registered to enhance metastable immunity. EMPTY FLAG ( EF EF/OR OR) This is a dual purpose pin. In the IDT Standard Mode, the Empty Flag ( EF) function is selected. When the FIFO is empty (i.e. the read pointer catches up to the write pointer), EF will go LOW, inhibiting further read operations. When EF is HIGH, the FIFO is not empty. When writing the first word to an empty FIFO, the deassertion time of EF is variable, and can be represent by the First Word Latency parameter, tFWL1, which is measured from the rising WCLK edge that writes the first word to the rising RCLK edge |
Similar Part No. - IDT72255L12TFB |
|
Similar Description - IDT72255L12TFB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |