Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD588 Datasheet(PDF) 5 Page - Analog Devices

Part # AD588
Description  Multiple Output, High Precision, Dual-Tracking Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD588 Datasheet(HTML) 5 Page - Analog Devices

  AD588_15 Datasheet HTML 1Page - Analog Devices AD588_15 Datasheet HTML 2Page - Analog Devices AD588_15 Datasheet HTML 3Page - Analog Devices AD588_15 Datasheet HTML 4Page - Analog Devices AD588_15 Datasheet HTML 5Page - Analog Devices AD588_15 Datasheet HTML 6Page - Analog Devices AD588_15 Datasheet HTML 7Page - Analog Devices AD588_15 Datasheet HTML 8Page - Analog Devices AD588_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD588
Rev. L | Page 5 of
20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A3 OUT FORCE
+VS
A3 OUT SENSE
A3 IN
GAIN ADJ
VHIGH
NOISE
REDUCTION
VLOW
–VS
A4 OUT FORCE
A4 OUT SENSE
A4 IN
BAL ADJ
VCT
GND SENSE –IN
GND SENSE +IN
AD588
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A3 OUT FORCE
Output from Buffering Amplifier 3 with Kelvin Force. Connect to Pin 3.
2
+VS
Positive Power Supply.
3
A3 OUT SENSE
Output from Buffering Amplifier 3 with Kelvin Sense. Connect to Pin 1.
4
A3 IN
+ Input to Amplifier 3. Connect to VHIGH, Pin 6.
5
GAIN ADJ
Reference Gain Adjustment for Calibration. See the Calibration section.
6
VHIGH
Unbuffered Reference High Output.
7
NOISE REDUCTION
Noise Filtering Pin. Connect external 1
μF capacitor to ground to reduce the output noise
(see the Noise Performance and Reduction section). Can be left open.
8
VLOW
Unbuffered Reference Low Output.
9
GND SENSE POSITIVE IN
+ Input to the Ground Sense Amplifier.
10
GND SENSE NEGATIVE IN
− Input to the Ground Sense Amplifier.
11
VCT
Center Tap Voltage used for Calibration. See the Calibration section.
12
BAL ADJ
Reference Centering Adjustment for Calibration. See the Calibration section.
13
A4 IN
+ Input to Amplifier 4. Connect to VLOW, Pin 8.
14
A4 OUT SENSE
Output of Buffering Amplifier 4 with Kelvin Sense. Connect to Pin 15.
15
A4 OUT FORCE
Output of Buffering Amplifier 4 with Kelvin Force. Connect to Pin 14.
16
−VS
Negative Power Supply.


Similar Part No. - AD588_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD588AQ AD-AD588AQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588BQ AD-AD588BQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588JQ AD-AD588JQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588KQ AD-AD588KQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588SQ AD-AD588SQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
More results

Similar Description - AD588_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
   High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
List of Unclassifed Man...
VRE402 ETC-VRE402 Datasheet
1Mb / 20P
   Precision Dual Reference
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
logo
Cirrus Logic
VRE410 CIRRUS-VRE410 Datasheet
676Kb / 5P
   Precision Dual Voltage Reference
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
   Tracking Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com