Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT139CTSO Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT139CTSO
Description  FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT139CTSO Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT139CTSO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT139CTSO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT139CTSO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT139CTSO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT139CTSO Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IDT54/74FCT139T/AT/CT
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.4
3
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
One Bit Toggling
50% Duty Cycle
VIN = VCC
VIN = GND
0.15
0.3
mA/
MHz
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
fo = 10MHz
VIN = VCC
VIN = GND
1.5
4.0
mA
50% Duty Cycle
One Input and
One Output Toggling
VIN = 3.4V
VIN = GND
1.8
5.0
VCC = Max.
Outputs Open
fo = 10MHz
VIN = VCC
VIN = GND
3.0
7.0(5)
50% Duty Cycle
One Input Toggling
on Each Decoder
Two Outputs Toggling
VIN = 3.4V
VIN = GND
3.5
9.0(5)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
NOTES:
2566 tbl 07
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
2566 tbl 06
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.
FCT139T
FCT139AT
FCT139CT
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Parameter
Description
Condition(1)
Min.
(2)
Max. Min.
(2)
Max.
Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
A0 or A1 to
On
CL = 50pF
RL = 500
1.5
9.0
1.5
12.0
1.5
5.9
1.5
7.8
1.5
5.0
1.5
6.2
ns
tPLH
tPHL
Propagation Delay
E to On
1.5
8.0
1.5
9.0
1.5
5.5
1.5
7.2
1.5
4.8
1.5
5.8
ns


Similar Part No. - IDT74FCT139CTSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT139C IDT-IDT74FCT139C Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139CD IDT-IDT74FCT139CD Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139CDB IDT-IDT74FCT139CDB Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139CE IDT-IDT74FCT139CE Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139CEB IDT-IDT74FCT139CEB Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
More results

Similar Description - IDT74FCT139CTSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT139 IDT-IDT74FCT139 Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT138 IDT-IDT74FCT138 Datasheet
65Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
   Fast CMOS 1-of-8 Decoder
logo
ON Semiconductor
SN74LS155 ONSEMI-SN74LS155 Datasheet
135Kb / 4P
   DUAL 1-OF-4 DECODER
June, 2006 ??Rev. 7
logo
National Semiconductor ...
9321 NSC-9321 Datasheet
124Kb / 6P
   DUAL 1-OF-4 DECODER
93L21 NSC-93L21 Datasheet
74Kb / 3P
   DUAL 1-OF-4 DECODER
logo
Texas Instruments
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555B TI-CD4555B Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com