Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8926 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8926
Description  CMOS Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8926 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8926 Datasheet HTML 1Page - SG Micro Corp SGM8926 Datasheet HTML 2Page - SG Micro Corp SGM8926 Datasheet HTML 3Page - SG Micro Corp SGM8926 Datasheet HTML 4Page - SG Micro Corp SGM8926 Datasheet HTML 5Page - SG Micro Corp SGM8926 Datasheet HTML 6Page - SG Micro Corp SGM8926 Datasheet HTML 7Page - SG Micro Corp SGM8926 Datasheet HTML 8Page - SG Micro Corp SGM8926 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
110kHz, Rail-to-Rail Output
CMOS Operational Amplifier
4
SGM8926
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS: VS = +1.6V
(At TA = +25
℃, VCM = 0.3V, VOUT = VS/2, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
Input Offset Voltage (VOS)
0.25
0.9
mV
Input Offset Voltage Drift (ΔVOST)
1.8
µV/
RL = 100kΩ to VS/2, VOUT = 0.05V to 1.55V
99
RL = 10kΩ to VS/2, VOUT = 0.15V to 1.45V
79
91
Open-Loop Voltage Gain (AOL)
-40
℃ ≤ TA ≤ +85℃
78
dB
INPUT CHARACTERISTICS
VCM = -0.1V to 0.3V
64
78
Common Mode Rejection Ratio (CMRR)
-40
℃ ≤ TA ≤ +85℃
62
dB
OUTPUT CHARACTERISTICS
RL = 10kΩ to VS/2
13
25
-40
℃ ≤ TA ≤ +85℃
28
mV
RL = 2kΩ to VS/2
63
87
Output Voltage Swing from Rail
-40
℃ ≤ TA ≤ +85℃
90
mV
RL = 10Ω to VS/2
0.4
2.6
Output Short-Circuit Current (ISC)
-40
℃ ≤ TA ≤ +85℃
0.25
mA
POWER SUPPLY
IOUT = 0mA
5.8
10
Quiescent Current/Amplifier (IQ)
-40
℃ ≤ TA ≤ +85℃
13.5
μA
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
RL = 100kΩ, CL = 100pF
110
kHz
Slew Rate (SR)
0.04
V/μs
Crosstalk
f = 1kHz
90
dB
NOISE PERFORMANCE
Input Voltage Noise (en)
f = 1kHz
105
nV/ z
Η


Similar Part No. - SGM8926

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
SGM8922 SGMICRO-SGM8922 Datasheet
328Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A Datasheet
328Kb / 10P
   Output Operational Amplifier
SGM8922AXS8/TR SGMICRO-SGM8922AXS8/TR Datasheet
328Kb / 10P
   Output Operational Amplifier
More results

Similar Description - SGM8926

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com