Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8933 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM8933
Description  Rail-to-Rail Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8933 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM8933 Datasheet HTML 2Page - SG Micro Corp SGM8933 Datasheet HTML 3Page - SG Micro Corp SGM8933 Datasheet HTML 4Page - SG Micro Corp SGM8933 Datasheet HTML 5Page - SG Micro Corp SGM8933 Datasheet HTML 6Page - SG Micro Corp SGM8933 Datasheet HTML 7Page - SG Micro Corp SGM8933 Datasheet HTML 8Page - SG Micro Corp SGM8933 Datasheet HTML 9Page - SG Micro Corp SGM8933 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1.5MHz, Rail-to-Rail Output
Operational Amplifiers
6
SGM8931/2/3/4
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VS = +5V, unless otherwise noted.
Large Signal Step Response
Time (2μs/div)
RL = 2kΩ
CL = 100pF
AV = 1
Positive Overvoltage Recovery
Time (5µs/div)
VS = ±2.5V
VIN = -200mVP-P
(RET to GND)
CL = 0pF
0V
VIN
0V
VOUT
1V
/div
200mV
/div
RL = 2kΩ
AV = -50
Input Voltage Noise Spectral Density
vs. Frequency
1
10
100
1000
0.01
0.1
1
10
Frequency (kHz)
Small Signal Step Response
Time (2μs/div)
RL = 2kΩ
CL = 100pF
AV = 1
Negative Overvoltage Recovery
Time (5µs/div)
VS = ±2.5V
VIN = +200mVP-P
(RET to GND)
CL = 0pF
0V
VIN
0V
VOUT
1V
/div
200mV
/div
RL = 2kΩ
AV = -50
Quiescent Current vs. Temperature
50
60
70
80
90
100
-40
-15
10
35
60
85
Temperature (
℃)
VS = 1.8V
VS = 5V
VS = 3V


Similar Part No. - SGM8933

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - SGM8933

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
75Kb / 10P
   OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com