Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUF140L Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # SUF140L
Description  Surface Mount ESD Capability Rectifiers 1.0 Amp 400V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SUF140L Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  SUF140L Datasheet HTML 1Page - Bruckewell Technology LTD SUF140L Datasheet HTML 2Page - Bruckewell Technology LTD SUF140L Datasheet HTML 3Page - Bruckewell Technology LTD SUF140L Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUF140L
Surface Mount
ESD Capability Rectifiers
1.0 Amp 400V
Publication Order Number: [SUF140L]
© Bruckewell Technology Corporation Rev. A -2014
■RATINGS AND CHARACTERISTIC CURVES
FIG.1 Typical Forward Characteristics
FIG.2 Maximum Forward Current Derating
Curve
FIG.3-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE


Similar Part No. - SUF140L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF14FL SECOS-SUF14FL Datasheet
346Kb / 2P
   1.0 A Glass Passivated Surface Mount Rectifiers
SUF14M SECOS-SUF14M Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
SUF14MH SECOS-SUF14MH Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
More results

Similar Description - SUF140L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SE10PB VISHAY-SE10PB Datasheet
90Kb / 5P
   Surface Mount ESD Capability Rectifiers
Revision: 19-Apr-11
SE20DB VISHAY-SE20DB_V01 Datasheet
138Kb / 5P
   Surface-Mount ESD Capability Rectifiers
01-Jan-2022
SE20PAB VISHAY-SE20PAB_V01 Datasheet
152Kb / 5P
   Surface-Mount ESD Capability Rectifiers
01-Jan-2022
SE20DB VISHAY-SE20DB Datasheet
123Kb / 6P
   Surface Mount ESD Capability Rectifiers
Revision: 24-Jun-14
SE20PB VISHAY-SE20PB Datasheet
102Kb / 5P
   Surface Mount ESD Capability Rectifiers
Revision: 27-Jul-15
SE20AFB VISHAY-SE20AFB Datasheet
124Kb / 6P
   Surface Mount ESD Capability Rectifiers
Revision: 20-Nov-13
SE07PB VISHAY-SE07PB Datasheet
87Kb / 5P
   Surface Mount ESD Capability Rectifiers
Revision: 19-Apr-11
SE10DB VISHAY-SE10DB_V01 Datasheet
120Kb / 5P
   Surface-Mount ESD Capability Rectifiers
01-Jan-2022
SE20AFB VISHAY-SE20AFB_V01 Datasheet
122Kb / 5P
   Surface-Mount ESD Capability Rectifiers
01-Jan-2022
SE30PAB VISHAY-SE30PAB_V01 Datasheet
152Kb / 5P
   Surface-Mount ESD Capability Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com