Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM44599 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM44599
Description  DPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM44599 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM44599 Datasheet HTML 3Page - SG Micro Corp SGM44599 Datasheet HTML 4Page - SG Micro Corp SGM44599 Datasheet HTML 5Page - SG Micro Corp SGM44599 Datasheet HTML 6Page - SG Micro Corp SGM44599 Datasheet HTML 7Page - SG Micro Corp SGM44599 Datasheet HTML 8Page - SG Micro Corp SGM44599 Datasheet HTML 9Page - SG Micro Corp SGM44599 Datasheet HTML 10Page - SG Micro Corp SGM44599 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
4Ω, High Speed, Low Voltage
Dual, DPDT Analog Switch
7
SGM44599
SG Micro Corp
www.sg-micro.com
TEST CIRCUITS
V1
100mA
NO or NC
COM
VNO or VNC
RON = V1/100mA
Test Circuit 1. On Resistance
VOUT
NO or NC
COM
VNO or VNC
RL
300
Ω
V+
GND
CL
35pF
IN
0.1
μF
V+
VOUT
VIN
50%
90%
50%
90%
tON
tOFF
Test Circuit 2. Switching Times (tON, tOFF )
VOUT
NO or NC
COM
VG
V+
GND
CL
1nF
IN
0.1
μF
V+
VOUT
VIN
RG
ΔVOUT
ON
OFF
ON
V+
0V
VIN
Q = CL × ΔVOUT
Test Circuit 3. Charge Injection


Similar Part No. - SGM44599

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
SGM44600YTQ16/TR SGMICRO-SGM44600YTQ16/TR Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
SGM44600 SGMICRO-SGM44600_15 Datasheet
330Kb / 11P
   DPDT Analog Switch
SGM44601 SGMICRO-SGM44601 Datasheet
384Kb / 12P
   DPDT Analog Switch
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
More results

Similar Description - SGM44599

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
SGM44601 SGMICRO-SGM44601 Datasheet
384Kb / 12P
   DPDT Analog Switch
SGM44600 SGMICRO-SGM44600_15 Datasheet
330Kb / 11P
   DPDT Analog Switch
SGM3799 SGMICRO-SGM3799 Datasheet
343Kb / 12P
   DPDT Analog Switch
SGM7223 SGMICRO-SGM7223 Datasheet
680Kb / 13P
   DPDT Analog Switch
SGM7222 SGMICRO-SGM7222 Datasheet
711Kb / 16P
   DPDT Analog Switch
logo
ON Semiconductor
FSA2457 ONSEMI-FSA2457 Datasheet
172Kb / 10P
   Dual DPDT, Analog Data Switch
Nov ember-2017, Rev . 2
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Pericom Semiconductor C...
PI3A3899 PERICOM-PI3A3899 Datasheet
282Kb / 7P
   High Speed, Dual DPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com