Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM44600 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM44600
Description  DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM44600 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM44600_15 Datasheet HTML 1Page - SG Micro Corp SGM44600_15 Datasheet HTML 2Page - SG Micro Corp SGM44600_15 Datasheet HTML 3Page - SG Micro Corp SGM44600_15 Datasheet HTML 4Page - SG Micro Corp SGM44600_15 Datasheet HTML 5Page - SG Micro Corp SGM44600_15 Datasheet HTML 6Page - SG Micro Corp SGM44600_15 Datasheet HTML 7Page - SG Micro Corp SGM44600_15 Datasheet HTML 8Page - SG Micro Corp SGM44600_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SGM44600
4Ω, High Speed, Low Voltage
Dual, DPDT Analog Switch
GENERAL DESCRIPTION
The SGM44600 is a dual, high-speed, low-voltage,
double-pole/double-throw (DPDT) CMOS analog switch
that is designed to operate from a single 1.8V to 5.5V
power supply. It features high-bandwidth (300MHz) and
low on-resistance (4Ω TYP), targeted applications for
audio switching.
The SGM44600 consists of four SPDT switches. The
configuration can be used as a bidirectional quad
2-channel
multiplexer/demultiplexer
with
a
single
switch-enable (IN) input.
SGM44600 can handle rail-to-rail analog signals and is
available in Green TQFN-3×3-16L package.
APPLICATIONS
Communication Systems
Cell Phones
Portable Instrumentation
Audio Signal Routing
Audio and Video Switching
PCMCIA Cards
Computer Peripherals
Modems
PDAs
FUNCTION TABLE
FUNCTION
IN
NC1, 2, 3 and 4
NO1, 2, 3 and 4
0
ON
OFF
1
OFF
ON
FEATURES
Low Voltage Operation: 1.8V to 5.5V
Low On-Resistance: 4Ω (TYP)
Low On-Resistance Flatness
-3dB Bandwidth: 300MHz
High Off-Isolation: -75dB at 1MHz
Low Crosstalk: -100dB at 1MHz
Rail-to-Rail Input and Output Operation
Typical Power Consumption (< 0.01μW)
TTL/CMOS Compatible
Available in Green TQFN-3×3-16L Package
Extended Industrial Temperature Range:
-40
℃ to +85℃
PIN CONFIGURATION (TOP VIEW)
COM2
NO2
1
2
3
4
57
8
9
10
NO1
IN
N.C.
COM1
NC1
V+
NC2
6
11
12
13
14
15
16
GND NO3 COM3
NC3
NO4
COM4
NC4
TQFN-3×3-16L
REV. B. 1
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM44600_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44600YTQ16/TR SGMICRO-SGM44600YTQ16/TR Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
More results

Similar Description - SGM44600_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
SGM44599 SGMICRO-SGM44599 Datasheet
336Kb / 13P
   DPDT Analog Switch
SGM44601 SGMICRO-SGM44601 Datasheet
384Kb / 12P
   DPDT Analog Switch
SGM3799 SGMICRO-SGM3799 Datasheet
343Kb / 12P
   DPDT Analog Switch
SGM7223 SGMICRO-SGM7223 Datasheet
680Kb / 13P
   DPDT Analog Switch
SGM7222 SGMICRO-SGM7222 Datasheet
711Kb / 16P
   DPDT Analog Switch
logo
ON Semiconductor
FSA2457 ONSEMI-FSA2457 Datasheet
172Kb / 10P
   Dual DPDT, Analog Data Switch
Nov ember-2017, Rev . 2
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Pericom Semiconductor C...
PI3A3899 PERICOM-PI3A3899 Datasheet
282Kb / 7P
   High Speed, Dual DPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com