Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM44601 Datasheet(PDF) 11 Page - SG Micro Corp

Part # SGM44601
Description  DPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM44601 Datasheet(HTML) 11 Page - SG Micro Corp

Back Button SGM44601 Datasheet HTML 4Page - SG Micro Corp SGM44601 Datasheet HTML 5Page - SG Micro Corp SGM44601 Datasheet HTML 6Page - SG Micro Corp SGM44601 Datasheet HTML 7Page - SG Micro Corp SGM44601 Datasheet HTML 8Page - SG Micro Corp SGM44601 Datasheet HTML 9Page - SG Micro Corp SGM44601 Datasheet HTML 10Page - SG Micro Corp SGM44601 Datasheet HTML 11Page - SG Micro Corp SGM44601 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4Ω, High Speed, Low Voltage
SGM44601
Dual, DPDT Analog Switch
11
SG Micro Corp
www.sg-micro.com
TAPE AND REEL INFORMATION
NOTE: The picture is only for reference. Please make the object as the standard.
KEY PARAMETER LIST OF TAPE AND REEL
Package Type
Reel Diameter
Reel Width
W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
W
(mm)
Pin1
Quadrant
TQFN-2.6×1.8-16L
7″
13.0
2.1
2.9
1.0
4.0
4.0
2.0
12.0
Q1
Reel Width (W1)
Reel Diameter
REEL DIMENSIONS
TAPE DIMENSIONS
DIRECTION OF FEED
P2
P0
W
P1
A0
K0
B0
Q1
Q2
Q4
Q3
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1


Similar Part No. - SGM44601

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
SGM44600YTQ16/TR SGMICRO-SGM44600YTQ16/TR Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
SGM44600 SGMICRO-SGM44600_15 Datasheet
330Kb / 11P
   DPDT Analog Switch
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
More results

Similar Description - SGM44601

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
SGM44599 SGMICRO-SGM44599 Datasheet
336Kb / 13P
   DPDT Analog Switch
SGM44600 SGMICRO-SGM44600_15 Datasheet
330Kb / 11P
   DPDT Analog Switch
SGM3799 SGMICRO-SGM3799 Datasheet
343Kb / 12P
   DPDT Analog Switch
SGM7223 SGMICRO-SGM7223 Datasheet
680Kb / 13P
   DPDT Analog Switch
SGM7222 SGMICRO-SGM7222 Datasheet
711Kb / 16P
   DPDT Analog Switch
logo
ON Semiconductor
FSA2457 ONSEMI-FSA2457 Datasheet
172Kb / 10P
   Dual DPDT, Analog Data Switch
Nov ember-2017, Rev . 2
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Pericom Semiconductor C...
PI3A3899 PERICOM-PI3A3899 Datasheet
282Kb / 7P
   High Speed, Dual DPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com