Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM44603 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM44603
Description  SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM44603 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM44603 Datasheet HTML 3Page - SG Micro Corp SGM44603 Datasheet HTML 4Page - SG Micro Corp SGM44603 Datasheet HTML 5Page - SG Micro Corp SGM44603 Datasheet HTML 6Page - SG Micro Corp SGM44603 Datasheet HTML 7Page - SG Micro Corp SGM44603 Datasheet HTML 8Page - SG Micro Corp SGM44603 Datasheet HTML 9Page - SG Micro Corp SGM44603 Datasheet HTML 10Page - SG Micro Corp SGM44603 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4.5Ω, High Speed, Low Voltage
SGM44603
Quad, SPDT Analog Switch
7
SG Micro Corp
www.sg-micro.com
TEST CIRCUITS (Cont.)
VOUT
NO
COM
VNO or VNC
RL
300
Ω
V+
GND
CL
35pF
0.1
μF
V+
VOUT
VIN
50%
90%
tD
NC
VNO or VNC
0
IN or EN
Test Circuit 4. Break-Before-Make Time Delay (tD)
VOUT
NO
COM
RL
50
Ω
V+
GND
0.1
μF
V+
Source
Signal
NC
CL
5pF
RL
50
Ω
IN or EN
Test Circuit 5. Off Isolation
VOUT
NO or NC
COM
RL
50
Ω
V+
GND
CL
5pF
IN
0.1
μF
V+
Source
Signal
NO or NC
COM
RL
50
Ω
CL
5pF
Channel To Channel Crosstalk = -20×log
VNO or VNC
VOUT
N.C.
Test Circuit 6. Channel-to-Channel Crosstalk


Similar Part No. - SGM44603

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
SGM44600YTQ16/TR SGMICRO-SGM44600YTQ16/TR Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
SGM44600 SGMICRO-SGM44600_15 Datasheet
330Kb / 11P
   DPDT Analog Switch
SGM44601 SGMICRO-SGM44601 Datasheet
384Kb / 12P
   DPDT Analog Switch
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
More results

Similar Description - SGM44603

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com