Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL2450K08051T Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BL2450K08051T
Description  Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BL2450K08051T Datasheet(HTML) 2 Page - Frontier Electronics.

  BL2450K08051T Datasheet HTML 1Page - Frontier Electronics. BL2450K08051T Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BL2450K08051T BALUN SPECIFICATION
Rev A
TEST DATA
Typical RF Performance
(1). Amplitude balance
(2). Phase balance
Frontier Electronics Corp.
®
Page: 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - BL2450K08051T

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BL2450K08052T FRONTIER-BL2450K08052T Datasheet
302Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08054T FRONTIER-BL2450K08054T Datasheet
152Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size)..
More results

Similar Description - BL2450K08051T

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BL5200K08052T FRONTIER-BL5200K08052T Datasheet
210Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08052T FRONTIER-BL2450K08052T Datasheet
302Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08054T FRONTIER-BL2450K08054T Datasheet
152Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size)..
BL5200K08051T FRONTIER-BL5200K08051T Datasheet
161Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BD0919N08054T FRONTIER-BD0919N08054T Datasheet
409Kb / 3P
   Surface mount dual ceramic balun with a small size of 2.00 x 1.20 x 0.90 mm (0805 size).
DP2549K0805DT FRONTIER-DP2549K0805DT Datasheet
218Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549E0805BT FRONTIER-DP2549E0805BT Datasheet
204Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549E0805AT FRONTIER-DP2549E0805AT Datasheet
131Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
BL2450K06031T FRONTIER-BL2450K06031T Datasheet
170Kb / 2P
   Surface mount ceramic balun with a small size of 1.6 x 0.8 x 0.5 mm (0603 size).
BM2450E0805LT FRONTIER-BM2450E0805LT Datasheet
190Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.95 mm, RoHS compliant.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com