Electronic Components Datasheet Search |
|
BL5200K08051T Datasheet(PDF) 1 Page - Frontier Electronics. |
|
BL5200K08051T Datasheet(HTML) 1 Page - Frontier Electronics. |
1 / 2 page BL5200K08051T BALUN SPECIFICATION Rev. A PRODUCT FEATURES 1. Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size). 2. Low insertion loss and inband amplitude/phase imbalance. 3. Highly stable under temperature and humidity changes. 4. Superior performance in a compact size, RoHS compliant. RF CHARACTERISTICS P/N: BL5200K08051T Specification Working Frequency Range 5400 ± 500 MHz Insertion Loss (dB) 1.1 max Unbalanced Impedance ( Ω ) 50 Balanced Impedance ( Ω ) 50 Return Loss (dB) Min. 10 Amplitude Balance (dB) 2.0 Phase Balance (degree) 180˚± 10˚ Operation Temperature Range - 40˚C to +85˚C PHYSICAL DIMENSIONS TERMINAL CONFIGURATION PCB DESIGN/LAYOUT CONSIDERATION Figure Symbol Dimension (mm) A 1.00 ± 0.10 B 0.35 ± 0.10 C 0.30 ± 0.10 D 0.65 ± 0.10 E 0.80 ± 0.10 Trace impedance must be 50 Ω. The trace width is a dependent of PCB material and its thickness. Dimension (mm) L 2.00 ± 0.15 W 1.25 ± 0.15 T 0.95 ± 0.10 A 0.20 ± 0.20 B 0.30 ± 0.20 C 0.35 ± 0.20 D 0.65 ± 0.20 E 0.30 ± 0.20 PIN Definition PIN Definition P1 Unbalanced Port P4 Balanced Port P2 GND P5 GND P3 Balanced Port P6 NC P1 P2 P3 P4 P5 P6 Frontier Electronics Corp. ® Page: 1 of 2 667 E. Cochran St., Simi Valley, CA 93065 http://www.frontierusa.com Phone: 1-805-522-9998, Fax: 1-805-522-9989 |
Similar Part No. - BL5200K08051T |
|
Similar Description - BL5200K08051T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |