Electronic Components Datasheet Search |
|
BM2450E0603CT Datasheet(PDF) 1 Page - Frontier Electronics. |
|
BM2450E0603CT Datasheet(HTML) 1 Page - Frontier Electronics. |
1 / 2 page BM2450E0603CT BALUN MATCHED SPECIFICATION Rev. A PRODUCT FEATURES 1. Surface mount balun matched filter with a small size of 1.6 X 0.8 X 0.6 mm, RoHS compliant. 2. Provide high rejection rate and DC bias option. 3. Highly stable under temperature and humidity changes. RF CHARACTERISTICS PHYSICAL DIMENSIONS TERMINAL CONFIGURATION PCB DESIGN/LAYOUT CONSIDERATION P/N BM2450E0603CT Specification Frequency range 2400 - 2500 MHz Insertion Loss 3.5 dB max VSWR 2.0 max Impedance (Unbalanced) 50 Ω Impedance ( Balanced ) Conjugate with CSR BC series chipset solution Phase Difference 180 °± 10° Amplitude Difference 2.0 dB Max Attenuation ( min.) 35dB @ 880-960 MHz 30dB @1710-1880 MHz 20dB @1880-1990 MHz 30dB @ 4800-5000 MHz Operating temperature range -40°C to +85°C Symbol Dimension (mm) L 1.60 ± 0.15 W 0.80 ± 0.15 T 0.60 ± 0.10 E,F 0.20 ± 0.15 A 0.175 ± 0.15 B,C,G 0.25 ± 0.15 H 0.30 ± 0.15 D 0.50 ± 0.15 PIN Definition PIN Definition P1 Unbalanced Port P5 Balanced Port P2 DC/GND P6 GND P3 NC P7 Balanced Port P4 GND P8 GND P1 P2 P3 P4 P5 P6 P7 P8 Note: - Unit in mm - Design trace width to be 50 Ω impedance. Frontier Electronics Corp. ® Page: 1 of 2 667 E. Cochran St., Simi Valley, CA 93065 http://www.frontierusa.com Phone: 1-805-522-9998, Fax: 1-805-522-9989 |
Similar Part No. - BM2450E0603CT |
|
Similar Description - BM2450E0603CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |