Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7202LA12TD Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7202LA12TD
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7202LA12TD Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7202LA12TD Datasheet HTML 5Page - Integrated Device Technology IDT7202LA12TD Datasheet HTML 6Page - Integrated Device Technology IDT7202LA12TD Datasheet HTML 7Page - Integrated Device Technology IDT7202LA12TD Datasheet HTML 8Page - Integrated Device Technology IDT7202LA12TD Datasheet HTML 9Page - Integrated Device Technology IDT7202LA12TD Datasheet HTML 10Page - Integrated Device Technology IDT7202LA12TD Datasheet HTML 11Page - Integrated Device Technology IDT7202LA12TD Datasheet HTML 12Page - Integrated Device Technology IDT7202LA12TD Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
IDT7200/7201A/7202A CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
MILITARY, INDUSTRIAL AND COMMERCIAL TEMPERATURE RANGES
TABLE I—RESET AND RETRANSMIT
Single Device Configuration/Width Expansion Mode
Inputs
Internal Status
Outputs
Mode
RS
RS
RT
RT
XI
XI
Read Pointer
Write Pointer
EF
EF
FF
FF
HF
HF
Reset
0
X
0
Location Zero
Location Zero
0
1
1
Retransmit
1
0
0
Location Zero
Unchanged
X
X
X
Read/Write
1
1
0
Increment
(1)
Increment
(1)
XX
X
NOTE:
2679 tbl 09
1. Pointer will increment if flag is High.
Figure 14. Block Diagram of 768 x 9, 1,536 x 9, 3,072 x 9 FIFO Memory (Depth Expansion)
D
W
IDT
7200/
7201A/
7202A
FF
EF
FL
XO
RS
FULL
EMPTY
VCC
R
9
9
99
XI
9
Q
IDT
7200/
7201A/
7202A
IDT
7200/
7201A/
7202A
FF
EF
FL
XO
XI
FF
EF
FL
XO
XI
TABLE II—RESET AND FIRST LOAD TRUTH TABLE
Depth Expansion/Compound Expansion Mode
Inputs
Internal Status
Outputs
Mode
RS
RS
FL
FL
XI
XI
Read Pointer
Write Pointer
EF
EF
FF
FF
Reset First Device
0
0
(1)
Location Zero
Location Zero
0
1
Reset All Other Devices
0
1
(1)
Location Zero
Location Zero
0
1
Read/Write
1
X
(1)
X
X
X
X
NOTE:
2679 tbl 10
1.
XI is connected to XO of previous device. See Figure 14. RS = Reset Input, FL/RT = First Load/Retransmit, EF = Empty Flag Output, FF = Flag Full Output,
XI = Expansion Input, HF = Half-Full Flag Output
2679 drw 16


Similar Part No. - IDT7202LA12TD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7202LA IDT-IDT7202LA Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA ETC2-IDT7202LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202LA IDT-IDT7202LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7202LA IDT-IDT7202LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7202LA IDT-IDT7202LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results

Similar Description - IDT7202LA12TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com