Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2450K0805AT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BM2450K0805AT
Description  Surface mount band pass filter with a small size of 2.0 X 1.25 X 0.6 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BM2450K0805AT Datasheet(HTML) 1 Page - Frontier Electronics.

  BM2450K0805AT Datasheet HTML 1Page - Frontier Electronics. BM2450K0805AT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BM2450K0805AT BALUN MATCHED SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
PRODUCT FEATURES
1.
Surface mount band pass filter with a small size of 2.0 X 1.25 X 0.6 mm, RoHS compliant.
2.
Provide low insertion loss and high rejection rate.
3.
Highly stable under temperature and humidity changes.
RF CHARACTERISTICS
PHYSICAL DIMENSIONS
TERMINAL CONFIGURATION
P/N BM2450K0805AT
Specification
Frequency range
2400 - 2500 MHz
Insertion Loss (max)
1.5 dB max at 25°C
1.7 dB max -40°C to +85°C
Return Loss
9.5 dB Min.
Impedance (Unbalanced)
50 Ω
Impedance (Balanced)
Impedance match to T.I.
CC253X,CC254X, CC257X,
CC853X and CC852X Chipsets
Attenuation (min.)
12 dB @ 1000 MHz
15 dB @ 4800 - 5000 MHz
20 dB @ 7200 - 7500 MHz
Operating temperature range
-40°C to +85°C
Symbol
Dimension
(mm)
L
2.00 ± 0.10
W
1.25 ± 0.10
T
0.60 ± 0.10
A
0.20 ± 0.10
B
0.30 ± 0.10
C
0.35 ± 0.10
D
0.65 ± 0.10
E
0.25 ± 0.10
PIN
Connection
PIN
Connection
P1
Unbalance Port
P4
Balance Port
P2
GND
P5
GND
P3
Balance Port
P6
GND
P1
P3
P4
P2
P5
P6


Similar Part No. - BM2450K0805AT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BM2450K0603AT FRONTIER-BM2450K0603AT Datasheet
161Kb / 2P
   BM2450K0603AT BALUN SPECIFICATION
Rev. A
More results

Similar Description - BM2450K0805AT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP2500B0805GT FRONTIER-BP2500B0805GT Datasheet
192Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BP2500C0805AT FRONTIER-BP2500C0805AT Datasheet
166Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BP2500E0805AT FRONTIER-BP2500E0805AT Datasheet
182Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BP5900B0805DT FRONTIER-BP5900B0805DT Datasheet
282Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
BP5900B0805ET FRONTIER-BP5900B0805ET Datasheet
285Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
BP5900B0805AT FRONTIER-BP5900B0805AT Datasheet
277Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
BP2500F0603BT FRONTIER-BP2500F0603BT Datasheet
167Kb / 2P
   Surface mount band pass filter with a small size of 1.6 X 0.8 X 0.6 mm, RoHS compliant.
BP2500B0603AT FRONTIER-BP2500B0603AT Datasheet
188Kb / 2P
   Surface mount band pass filter with a small size of 1.6 X 0.8 X 0.6 mm, RoHS compliant.
BP2500B0603BT FRONTIER-BP2500B0603BT Datasheet
219Kb / 2P
   Surface mount band pass filter with a small size of 1.6 X 0.8 X 0.6 mm, RoHS compliant.
BP2500H0603AT FRONTIER-BP2500H0603AT Datasheet
225Kb / 2P
   Surface mount band pass filter with a small size of 1.6 X 0.8 X 0.6 mm, RoHS compliant.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com