Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT16270TEB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT54FCT16270TEB
Description  FAST CMOS 18-BIT R/W BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16270TEB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT54FCT16270TEB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT16270TEB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16270TEB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16270TEB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16270TEB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16270TEB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16270TEB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16270TEB Datasheet HTML 8Page - Integrated Device Technology IDT54FCT16270TEB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5.15
6
IDT54/74FCT162701T/AT
FAST CMOS 18-BIT R/W BUFFER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPLY CHARACTERISTICS
2915 tbl 06
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN) = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (CLK) X fCP + ICCD (O/P) x fO NO
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at D
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fO = Output Frequency
NO = Number of Outputs at fO
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
0.5
1.5
mA
ICCD (CLK)
Dynamic Power Supply Current
due to clock switching(4)
VCC = Max.
Outputs Open
CLK Toggling
50% Duty Cycle
VIN = VCC
VIN = GND
180
240
µA/
MHz
ICCD (O/P)
Dynamic Power Supply Current
due to output switching(4)
One Bit Toggling
50% Duty Cycle
80
120
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
fCP= 10MHz
50% Duty Cycle
VIN = VCC
VIN = GND
1.8
2.9(5)
mA
OEAB = GND; OEBA = VCC
LE =
WCE = RCE = GND
RESET = VCC
All Inputs Low
VIN = 3.4V
VIN = GND
2.1
3.7(5)
VCC = Max.
Outputs Open
fCP= 10MHz
50% Duty Cycle
VIN = VCC
VIN = GND
2.2
3.5
OEAB = GND; OEBA = VCC
LE =
WCE = RCE = GND
RESET = VCC
One Bit Toggling
at fo = 5MHz
50% Duty Cycle
VIN = 3.4V
VIN = GND
2.7
5.0


Similar Part No. - IDT54FCT16270TEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT162240AT IDT-IDT54FCT162240AT Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162240ATE IDT-IDT54FCT162240ATE Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162240ATEB IDT-IDT54FCT162240ATEB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162240ATPA IDT-IDT54FCT162240ATPA Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162240ATPAB IDT-IDT54FCT162240ATPAB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT16270TEB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162827AT RENESAS-IDT74FCT162827AT Datasheet
235Kb / 8P
   FAST CMOS 20-BIT BUFFER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
logo
Integrated Device Techn...
IDT74FCT16823AT IDT-IDT74FCT16823AT Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
logo
Renesas Technology Corp
IDT74FCT162823AT RENESAS-IDT74FCT162823AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com