Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72421L10PFI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72421L10PFI
Description  CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72421L10PFI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72421L10PFI Datasheet HTML 1Page - Integrated Device Technology IDT72421L10PFI Datasheet HTML 2Page - Integrated Device Technology IDT72421L10PFI Datasheet HTML 3Page - Integrated Device Technology IDT72421L10PFI Datasheet HTML 4Page - Integrated Device Technology IDT72421L10PFI Datasheet HTML 5Page - Integrated Device Technology IDT72421L10PFI Datasheet HTML 6Page - Integrated Device Technology IDT72421L10PFI Datasheet HTML 7Page - Integrated Device Technology IDT72421L10PFI Datasheet HTML 8Page - Integrated Device Technology IDT72421L10PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72421/72201/72211/72221/72231/72241/72251 CMOS SyncFIFO™
64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
4
Figure 1. Output Load
*includes jig and scope capacitances
or equivalent circuit
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
Commercial
Com'l & Ind'l(1)
Com'l & Ind'l(1)
IDT72421L10
IDT72421L15
IDT72421L25
IDT72201L10
IDT72201L15
IDT72201L25
IDT72211L10
IDT72211L15
IDT72211L25
IDT72221L10
IDT72221L15
IDT72221L25
IDT72231L10
IDT72231L15
IDT72231L25
IDT72241L10
IDT72241L15
IDT72241L25
IDT72251L10
IDT72251L15
IDT72251L25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
Data Access Time
2
6.5
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock High Time
4.5
6
10
ns
tCLKL
Clock Low Time
4.5
6
10
ns
tDS
Data Setup Time
3
4
6
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
Enable Setup Time
3
4
6
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
ResetPulseWidth(2)
10
15
15
ns
tRSS
Reset Setup Time
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag and Output Time
10
15
25
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—
0
0
ns
tOE
Output Enable to Output Valid
3
6
3
8
3
13
ns
tOHZ
Output Enable to Output in High-Z(3)
36
3
8
3
13
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tPAF
Write Clock to Programmable Almost-Full Flag
6.5
10
15
ns
tPAE
Read Clock to Programmable Almost-Empty Flag
6.5
10
15
ns
tSKEW1
Skew time between Read Clock & Write Clock for
5
6
10
ns
Empty Flag & Full Flag
tSKEW2
Skew time between Read Clock & Write Clock for
14
15
18
ns
Almost-Empty Flag & Programmable Almost-Full Flag
NOTES:
1. Industrial temperature range product for the 15ns and 25ns speed grades are available as standard product.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
In Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
CAPACITANCE (Ta = +25
°C, f = 1.0MHz)
Symbol
Parameter
Conditions
Max.
Unit
CIN(2)
InputCapacitance
VIN = 0V
10
pF
COUT
(1,2)
OutputCapacitance
VOUT = 0V
10
pF
30pF*
1.1K
5V
680
D.U.T.
2655 drw 03
NOTES:
1. With output deselected (OE
≥ VIH).
2. Characterized values, not currently tested.
AC TEST CONDITIONS


Similar Part No. - IDT72421L10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421L12J IDT-IDT72421L12J Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L12JB IDT-IDT72421L12JB Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L12L IDT-IDT72421L12L Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L12LB IDT-IDT72421L12LB Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L12PF IDT-IDT72421L12PF Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72421L10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com