Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72835LB10PFI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72835LB10PFI
Description  CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72835LB10PFI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72835LB10PFI Datasheet HTML 2Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 3Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 4Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 5Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 6Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 7Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 8Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 9Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72805LB/72815LB/72825LB/72835LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
6
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = -40°C + 85°C)
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
AC TEST CONDITIONS
Figure 1. Output Load
* Includes jig and scope capacitances.
Commercial
Com’l & Ind’l(1)
Commercial
IDT72805LB10
IDT72805LB15
IDT72805LB25
IDT72815LB10
IDT72815LB15
IDT72815LB25
IDT72825LB10
IDT72825LB15
IDT72825LB25
IDT72835LB10
IDT72835LB15
IDT72835LB25
IDT72845LB10
IDT72845LB15
IDT72845LB25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
Data Access Time
2
6.5
2
10
3
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock HIGH Time
4.5
6
10
ns
tCLKL
Clock LOW Time
4.5
6
10
ns
tDS
Data Setup Time
3
4
6
ns
tDH
Data Hold Time
0
1
1
ns
tENS
Enable Setup Time
3
4
6
ns
tENH
Enable Hold Time
0
1
1
ns
tRS
Reset Pulse Width(2)
10
15
25
ns
tRSS
Reset Setup Time
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag and Output Time
15
15
25
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—
0—
0
ns
tOE
Output Enable to Output Valid
6
8
12
ns
tOHZ
Output Enable to Output in High-Z(3)
16
18
1
12
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tPAFA
Clock to Asynchronous Programmable
17
20
35
ns
Almost-Full Flag
tPAFS
Write Clock to Synchronous
8
10
12
ns
Programmable Almost-Full Flag
tPAEA
Clock to Asynchronous Programmable
17
20
35
ns
Almost-Empty Flag
tPAES
Read Clock to Synchronous
8
10
12
ns
Programmable Almost-Empty Flag
tHF
Clock to Half-Full flag
17
20
35
ns
tXO
Clock to Expansion Out
6.5
10
15
ns
tXI
Expansion In Pulse Width
3
6.5
10
ns
tXIS
Expansion In Setup Time
3
5
10
ns
tSKEW1
Skew time between Read Clock &
5
6
10
ns
Write Clock for
FF/IR and EF/OR
tSKEW2(4)
Skew time between Read Clock &
12
15
17
ns
Write Clock for
PAE and PAF
3139 drw 03
30pF*
1.1K
5V
D.U.T.
680
NOTES:
1. Industrial Temperature Range Product for the 15ns speed grade is available as a standard device.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. tSKEW2 applies to synchronous
PAE and synchronous PAF only.


Similar Part No. - IDT72835LB10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7283 IDT-IDT7283 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7283 IDT-IDT7283 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7283 RENESAS-IDT7283 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72831 IDT-IDT72831 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72831 IDT-IDT72831 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72835LB10PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com