Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD5.1EAB1 Datasheet(PDF) 5 Page - NEC

Part # RD5.1EAB1
Description  400 mW DHD ZENER DIODE DO-34
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD5.1EAB1 Datasheet(HTML) 5 Page - NEC

  RD5.1EAB1 Datasheet HTML 1Page - NEC RD5.1EAB1 Datasheet HTML 2Page - NEC RD5.1EAB1 Datasheet HTML 3Page - NEC RD5.1EAB1 Datasheet HTML 4Page - NEC RD5.1EAB1 Datasheet HTML 5Page - NEC RD5.1EAB1 Datasheet HTML 6Page - NEC RD5.1EAB1 Datasheet HTML 7Page - NEC RD5.1EAB1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
RD2.0ES to RD39ES
Data Sheet D13935EJ6V0DS00
Fig. 6
POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Fig. 7
THERMAL RESISTANCE vs.
SIZE OF P.C BOARD
Fig. 8
DYNAMIC IMPEDANCE vs.
ZENER CURRENT
Fig. 9
ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
Fig. 10
SURGE REVERSE POWER RATINGS
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
32
0.1
TYP.
40
24
16
8
0
–8
–16
–24
–0.08
–32
–0.1
–40
8
412
16
20
24
28
32
36
40
mV/
°C
RD2.0ES to RD39ES
%/
°C
VZ – Zener Voltage – V
44
0
500
400
300
200
100
0
2040
6080
100
TA – Ambient Temperature –
°C
120 140 160 180 200
= 5 mm
= 10 mm
7 mm P.C. Board
t = 0.035 mm
= 5 mm
= 10 mm
= 3 mm
φ
= 3 mm
3 mm P.C. Board
t = 0.035 mm
φ
500
400
300
200
100
020
40
S – Size of P.C. Board – mm2
60
80
100
= 10 mm
= 5mm
= 3mm
S
Junction to ambient
1000
100
10
TYP.
1
0.01
0.1
IZ – Zener Current – mA
10
1
100
RD3.3ES
RD15ES
RD39ES
RD20ES
RD5.6ES
RD10ES
RD7.5ES
RD2.0ES
RD3.9ES
RD4.7ES
1000
TA=25
°C
Non-Repetitive
tT
100
10
1
1
10
100 m
µµ
100
1 m
10 m
µ
tT – Pulse Width – s


Similar Part No. - RD5.1EAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD5.1E NEC-RD5.1E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD5.1E EIC-RD5.1E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD5.1E NJSEMI-RD5.1E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD5.1EB NEC-RD5.1EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD5.1EB1 NEC-RD5.1EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD5.1EAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com