Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD598 Datasheet(PDF) 8 Page - Analog Devices

Part # AD598
Description  LVDT Signal Conditioner
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD598 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD598_15 Datasheet HTML 4Page - Analog Devices AD598_15 Datasheet HTML 5Page - Analog Devices AD598_15 Datasheet HTML 6Page - Analog Devices AD598_15 Datasheet HTML 7Page - Analog Devices AD598_15 Datasheet HTML 8Page - Analog Devices AD598_15 Datasheet HTML 9Page - Analog Devices AD598_15 Datasheet HTML 10Page - Analog Devices AD598_15 Datasheet HTML 11Page - Analog Devices AD598_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD598
REV. A
–8–
13. Load current through RL returns to the junction of R5 and
R6, and flows back to VPS. Under maximum load condi-
tions, make sure the voltage drop across R5 is met as
defined in Step 12.
As a final check on the power supply voltages, verify that the
peak values of VA and VB are at least 2.5 volts less than the
voltages at +VS and –VS.
14. C5 is a bypass capacitor in the range of 0.1
µF to 1 µF.
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
R1
C2
AD598
C3
R2
C4
LVDT
SCHAEVITZ E100
R3
R4
0.1
µF
6.8
µF
SIGNAL
REFERENCE
30V
+
–VS
R
L
VOUT
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
R5
R6
C5
C1
15nF
33k
V
B
V
B
VA
VA
Vps
Figure 12. Interconnection Diagram for Single
Supply Operation
Gain Phase Characteristics
To use an LVDT in a closed loop mechanical servo application,
it is necessary to know the dynamic characteristics of the trans-
ducer and interface elements. The transducer itself is very quick
to respond once the core is moved. The dynamics arise prima-
rily from the interface electronics. Figures 13, 14 and 15 show
the frequency response of the AD598 LVDT Signal Condi-
tioner. Note that Figures 14 and 15 are basically the same; the
difference is frequency range covered. Figure 14 shows a wider
range of mechanical input frequencies at the expense of accu-
racy. Figure 15 shows a more limited frequency range with en-
hanced accuracy. The figures are transfer functions with the
input to be considered as a sinusoidally varying mechanical posi-
tion and the output as the voltage from the AD598; the units of
the transfer function are volts per inch. The value of C2, C3 and
C4, from Figure 7, are all equal and designated as a parameter
in the figures. The response is approximately that of two real
poles. However, there is appreciable excess phase at higher fre-
quencies. An additional pole of filtering can be introduced with
a shunt capacitor across R2, (see Figure 7); this will also in-
crease phase lag.
When selecting values of C2, C3 and C4 to set the bandwidth of
the system, a trade-off is involved. There is ripple on the “dc”
position output voltage, and the magnitude is determined by the
filter capacitors. Generally, smaller capacitors will give higher
system bandwidth and larger ripple. Figures 16 and 17 show the
magnitude of ripple as a function of C2, C3 and C4, again all
equal in value. Note also a shunt capacitor across R2 shown as a
parameter (see Figure 7). The value of R2 used was 81 k
Ω with
a Schaevitz E100 LVDT.
Figure 13. Gain and Phase Characteristics vs. Frequency
(0 kHz–10 kHz)
Figure 14. Gain and Phase Characteristics vs. Frequency
(0 kHz–50 kHz)


Similar Part No. - AD598_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD598A AD-AD598A Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598AD AD-AD598AD Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598J AD-AD598J Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598JR AD-AD598JR Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
More results

Similar Description - AD598_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
logo
NXP Semiconductors
NE5521 PHILIPS-NE5521 Datasheet
69Kb / 5P
   LVDT signal conditioner
August 31, 1994
logo
Analog Devices
AD698 AD-AD698 Datasheet
228Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698 AD-AD698_15 Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
   LVDT/RVDT Signal Conditioning Module
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com