Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72815LB20PFI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72815LB20PFI
Description  CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72815LB20PFI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72815LB20PFI Datasheet HTML 1Page - Integrated Device Technology IDT72815LB20PFI Datasheet HTML 2Page - Integrated Device Technology IDT72815LB20PFI Datasheet HTML 3Page - Integrated Device Technology IDT72815LB20PFI Datasheet HTML 4Page - Integrated Device Technology IDT72815LB20PFI Datasheet HTML 5Page - Integrated Device Technology IDT72815LB20PFI Datasheet HTML 6Page - Integrated Device Technology IDT72815LB20PFI Datasheet HTML 7Page - Integrated Device Technology IDT72815LB20PFI Datasheet HTML 8Page - Integrated Device Technology IDT72815LB20PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72805LB/72815LB/72825LB/72835LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
2
PIN CONFIGURATIONS
WCLKA
DA3
DA1
DA0
DB13
DB16
RCLKB
LDB
RSB
QB17
QB16
PAFA
DA4
WENA
DA2
DB12
DB15
RENB
OEB
EFB
QB15
QB14
FFA
RXIA
WXIA
DA5
DB14
DB11
GND
DB17
GND
QB13
QB11
QB8
QB10
QB12
VCC
DB7
DB10
DB8
FLA
QA2
QA0
RXOA
QA1
QA4
QA3
WXOA/
HFA
PAEA
DB9
DB6
VCC
VCC
QB9
QB7
QA5
QA6
GND
VCC
GND
GND
GND
VCC
GND
QB6
QB5
QA7
QA9
VCC
VCC
DA6
DA9
PAEB
WXOB/
HFB
QB3
QB4
QB1
QA8
QA10
QA12
VCC
DA7
DA10
DA8
FLB
QB2
QB0
RXOB
QA11
QA13
GND
DA17
GND
DA11
DA14
DB5
WXIB
RXIB
FFB
QA14
QA15
EFA
OEA
RENA
DA15
DA12
DB2
WENB
DB4
PAFB
QA16
QA17
RSA
LDA
RCKLA
DA16
DA13
DB0
DB1
DB3
WCLKB
123
456
789
10
11
A
B
C
D
E
F
G
H
J
K
L
PIN 1
3139 drw 02
PBGA (BG121-1, order code: BG)
TOP VIEW
NOTE:
1.
The PBGA is only available for the IDT72805LB/72815LB/72825LB in the 15 or 25 ns speed grade.
IDT72205LB/72215LB/72225LB/72235LB/72245LB FIFOs in a single package
with all associated control, data, and flag lines assigned to independent
pins. These devices are very high-speed, low-power First-In, First-Out
(FIFO) memories with clocked read and write controls. These FIFOs are
applicable for a wide variety of data buffering needs, such as optical disk
controllers, Local Area Networks (LANs), and interprocessor communication.
Each of the two FIFOs contained in these devices has an 18-bit input and
output port. Each input port is controlled by a free-running clock (WCLK), and
an input enable pin (
WEN). Data is read into the synchronous FIFO on every
clock when
WEN is asserted. The output port of each FIFO bank is controlled
by another clock pin (RCLK) and another enable pin (
REN). The Read Clock
can be tied to the Write Clock for single clock operation or the two clocks can
run asynchronous of one another for dual-clock operation. An Output Enable
pin (
OE) is provided on the read port of each FIFO for three-state control of the
output.
The synchronous FIFOs have two fixed flags, Empty Flag/Output Ready
(
EF/OR) and Full Flag/Input Ready (FF/IR), and two programmable flags,
Almost-Empty(
PAE)andAlmost-Full(PAF).Theoffsetloadingoftheprogram-
mable flags is controlled by a simple state machine, and is initiated by asserting
the Load pin (
LD). A Half-Full flag (HF) is available for each FIFO that is
implemented as a single device configuration.
There are two possible timing modes of operation with these devices: IDT
Standard mode and First Word Fall Through (FWFT) mode.
In IDT Standard Mode, the first word written to an empty FIFO will not
appear on the data output lines unless a specific read operation is performed.
A read operation, which consists of activating
REN and enabling a rising RCLK
edge, will shift the word from internal memory to the data output lines.
In FWFT mode, the first word written to an empty FIFO is clocked directly
to the data output lines after three transitions of the RCLK signal. A
REN does
not have to be asserted for accessing the first word.
These devices are depth expandable using a daisy-chain technique or First
Word Fall Through (FWFT) mode. The
XI and XO pins are used to expand the
FIFOs. In depth expansion configuration,
FLisgroundedonthefirstdeviceand
set to HIGH for all other devices in the Daisy Chain.
The IDT72805LB/72815LB/72825LB/72835LB/72845LB are fabricated
using IDT’s high-speed submicron CMOS technology.
DESCRIPTION (Continued)


Similar Part No. - IDT72815LB20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72815LB IDT-IDT72815LB Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72815LB RENESAS-IDT72815LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
More results

Similar Description - IDT72815LB20PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com