Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V35781SA200BGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71V35781SA200BGI
Description  128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V35781SA200BGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT71V35781SA200BGI Datasheet HTML 5Page - Integrated Device Technology IDT71V35781SA200BGI Datasheet HTML 6Page - Integrated Device Technology IDT71V35781SA200BGI Datasheet HTML 7Page - Integrated Device Technology IDT71V35781SA200BGI Datasheet HTML 8Page - Integrated Device Technology IDT71V35781SA200BGI Datasheet HTML 9Page - Integrated Device Technology IDT71V35781SA200BGI Datasheet HTML 10Page - Integrated Device Technology IDT71V35781SA200BGI Datasheet HTML 11Page - Integrated Device Technology IDT71V35781SA200BGI Datasheet HTML 12Page - Integrated Device Technology IDT71V35781SA200BGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.42
IDT71V35761, IDT71V35781, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
9
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 5%)
Figure 2. Lumped Capacitive Load, Typical Derating
Figure 1. AC Test Load
AC Test Load
AC Test Conditions
(VDDQ = 3.3V)
NOTE:
1. The
LBO, TMS, TDI, TCK & TRST pins will be internally pulled to VDD and the ZZ pin will be internally pulled to VSS if they are not actively driven in the application.
NOTES:
1. All values are maximum guaranteed values.
2. At f = fMAX, inputs are cycling at the maximum frequency of read cycles of 1/tCYC while
ADSC = LOW; f=0 means no input lines are changing.
3. For I/Os VHD = VDDQ - 0.2V, VLD = 0.2V. For other inputs VHD = VDD - 0.2V, VLD = 0.2V.
VDDQ/2
50
I/O
Z0 =50
5301 drw 06
,
1
2
3
4
20 30 50
100
200
∆tCD
(Typical, ns)
Capacitance (pF)
80
5
6
5301 drw 07
,
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VDD = Max., VIN = 0V to VDD
___
5µ A
|ILZZ|
ZZ,
LBO and JTAG Input Leakage Current(1)
VDD = Max., VIN = 0V to VDD
___
30
µ A
|ILO|
Output Leakage Current
VOUT = 0V to VDDQ, Device Deselected
___
5µ A
VOL
Output Low Voltage
IOL = +8mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -8mA, VDD = Min.
2.4
___
V
5301 tbl 08
Symbol
Parameter
Test Conditions
200MHz
183MHz
166 MHz
Unit
Com'l
Com'l
Ind
Com'l
Ind
IDD
Operating Power Supply
Current
Device Selecte d, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VIH or < VIL, f = fMAX
(2)
360
340
350
320
330
mA
ISB1
CMOS Standby Power
Supply Current
Device Deselected, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VHD or < VLD, f = 0
(2,3)
30
30
35
30
35
mA
ISB2
Clock Running Power
Supply Current
Device Deselected, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VHD or < VLD, f = fMAX
(2,3)
130
120
130
110
120
mA
IZZ
Full Sleep Mode Supply
Current
ZZ > VHD, VDD = Max.
30
30
35
30
35
mA
5301 tbl 09
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Timing Reference Levels
AC Test Load
0 to 3V
2ns
1.5V
1.5V
See Figure 1
5301 tbl 10


Similar Part No. - IDT71V35781SA200BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3578S IDT-IDT71V3578S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3578S IDT-IDT71V3578S Datasheet
220Kb / 18P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3578S133BG IDT-IDT71V3578S133BG Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3578S133BGI IDT-IDT71V3578S133BGI Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3578S133BQ IDT-IDT71V3578S133BQ Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V35781SA200BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI IDT-IDT71V67603S150PFI Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI8 IDT-IDT71V67603S150PFI8 Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67603 RENESAS-71V67603 Datasheet
302Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
Sep.13.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com