Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7429FCT520BTSO Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7429FCT520BTSO
Description  MULTILEVEL PIPELINE REGISTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7429FCT520BTSO Datasheet(HTML) 4 Page - Integrated Device Technology

  7429FCT520BTSO Datasheet HTML 1Page - Integrated Device Technology 7429FCT520BTSO Datasheet HTML 2Page - Integrated Device Technology 7429FCT520BTSO Datasheet HTML 3Page - Integrated Device Technology 7429FCT520BTSO Datasheet HTML 4Page - Integrated Device Technology 7429FCT520BTSO Datasheet HTML 5Page - Integrated Device Technology 7429FCT520BTSO Datasheet HTML 6Page - Integrated Device Technology 7429FCT520BTSO Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6.2
4
IDT29FCT520AT/BT/CT/DT, 521AT/BT/CT/DT
MULTILEVEL PIPELINE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
∆ICC
Quiescent Power Supply
VCC = Max.
0.5
2.0
mA
Current, TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply Current
(4)
VCC = Max., Outputs Open
VIN = VCC
0.15
0.25
mA/
OE = GND
VIN = GND
MHz
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current
(6)
VCC = Max., Outputs Open
VIN = VCC
1.5
3.5
mA
fCP = 10MHz
VIN = GND
50% Duty Cycle
OE = GND
One Bit Toggling
VIN = 3.4V
2.0
5.5
at fi = 5MHz
VIN = GND
50% Duty Cycle
VCC = Max., Outputs Open
VIN = VCC
3.8
7.3
(5)
fCP = 10MHz
VIN = GND
50% Duty Cycle
OE = GND
Eight Bits Toggling
VIN = 3.4V
6.0
16.3
(5)
at fi = 2.5MHz
VIN = GND
50% Duty Cycle
NOTES:
2619 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT +IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL HIgh Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - 7429FCT520BTSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7429FCT52ATD IDT-7429FCT52ATD Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATDB IDT-7429FCT52ATDB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATE IDT-7429FCT52ATE Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATEB IDT-7429FCT52ATEB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATL IDT-7429FCT52ATL Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Similar Description - 7429FCT520BTSO

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
[Old version datasheet]   8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
LOGIC Devices Incorpora...
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com