Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT388915T70 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT54FCT388915T70
Description  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT388915T70 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT54FCT388915T70 Datasheet HTML 3Page - Integrated Device Technology IDT54FCT388915T70 Datasheet HTML 4Page - Integrated Device Technology IDT54FCT388915T70 Datasheet HTML 5Page - Integrated Device Technology IDT54FCT388915T70 Datasheet HTML 6Page - Integrated Device Technology IDT54FCT388915T70 Datasheet HTML 7Page - Integrated Device Technology IDT54FCT388915T70 Datasheet HTML 8Page - Integrated Device Technology IDT54FCT388915T70 Datasheet HTML 9Page - Integrated Device Technology IDT54FCT388915T70 Datasheet HTML 10Page - Integrated Device Technology IDT54FCT388915T70 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IDT54/74FCT388915T 70/100/133/150
3.3V LOW SKEW PLL-BASED CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
9.8
11
ORDERING INFORMATION
IDT
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
Blank
B
J
L
PY
388915T
Commercial
MIL-STD-883, Class B
PLCC
LCC
SSOP
3.3V Low skew PLL-based CMOS clock driver
54
74
–55
°C to +125°C
0
°C to +70°C
FCT
X
Speed
70
100
133
150
70MHz Max. Frequency
100MHz Max. Frequency
133MHz Max. Frequency
150MHz Max. Frequency
3052 drw 14


Similar Part No. - IDT54FCT388915T70

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT3827A IDT-IDT54FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
IDT54FCT3827AD IDT-IDT54FCT3827AD Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
IDT54FCT3827ADB IDT-IDT54FCT3827ADB Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
IDT54FCT3827AP IDT-IDT54FCT3827AP Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
IDT54FCT3827APB IDT-IDT54FCT3827APB Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
More results

Similar Description - IDT54FCT388915T70

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T_05 Datasheet
1Mb / 10P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com